Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045PT Datasheet(PDF) 2 Page - RFE international

Part # MBR3045PT
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBR3045PT Datasheet(HTML) 2 Page - RFE international

  MBR3045PT Datasheet HTML 1Page - RFE international MBR3045PT Datasheet HTML 2Page - RFE international MBR3045PT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
MBR3045PT
Approximate 5.87
30
360
1800
Tube
80
150
FIG1:IFAV-TC Curve
Case Temperature( )
36
0
90
100
110
120
130
140
6
12
18
24
30
0
0.2
0.4
0.6
0.8
1
0
1.5
3.0
Instantaneous Forward Voltage(V)
FIG 3: Forward Voltage
4.5
TJ=25
6.0
7.5
9.0
10.5
12.0
13.5
15.0
TJ=125
FIG 4:Typical Reverse Characteristics
Reverse Voltage(V)
0
9
18
27
36
45
0.1
Tj=25
10000
1000
100
10
1
Tj=125
Tj=75
1
2
5
10
20
50
100
100
150
200
250
8.3ms Single
Half Sine-Wave
JEDEC Method
300
50
0
FIG 2 Surge Forward Current Capability
Number of Cycles
Schottky Barrier Rectifiers
MBR3045PT
TO-247AB
12-05-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PACKAGING INFORMATION
CHARACTERISTICS (TYPICAL)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com