Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES8D Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # ES8D
Description  surface mount ultra-fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

ES8D Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  ES8D Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD ES8D Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES8DC THRU ES8JC
Weight: 0.21 gram
VOLTAGE RANG
200 to 600 Volts
CURRENT
8.0 Ampere
ES8J
ES8G
ES8D
1-2
www.asemi99.com
2018.11 Rev.3.1
Maximum Ratings and Electrical Characteristics
Rating at 25 OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
Maximum DC Reverse Current
@TA =25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
10
350
uA
uA
Maximum Reverse Recovery Time
( Note 1 )
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
45
30
Maximum Thermal Resistance (Note 3)
RθJA
RθJL
75
20
oC/W
Operating Temperature Range
TJ
-55 to +150
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Notes:
1. Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied V
R=4.0 Volts
3. Units Mounted on P.C.B. 0.4” x 0.4” (10mm x 10mm) Pad Areas
pF
200
400
600
V
140
280
420
V
200
400
600
V
Symbol
0.98
1.3
1.7
V
Features
Special for Automotive LED/HID lamp
For surface mounted application
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Superfast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering:
260
O C/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Mechanical Data
Cases: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packing: 12mm tape per EIA STD RS-481
DO-214AB/SMC
Dimensions in inches and (millimeters)
surface mount ultra-fast recovery diode
.108(2.75)
.128(3.25)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.320(8.13)
.305(7.75)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - ES8D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ES8D THINKISEMI-ES8D Datasheet
445Kb / 2P
8.0 Ampere Surface Mount Super Fast Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
ES8D YFWDIODE-ES8D Datasheet
475Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES8DP JUXING-ES8DP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results

Similar Description - ES8D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Weitron Technology
HM301 WEITRON-HM301 Datasheet
79Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
US05AM WEITRON-US05AM Datasheet
80Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
logo
TAITRON Components Inco...
MFPH05S TAITRON-MFPH05S Datasheet
142Kb / 3P
Surface Mount Ultra Fast Recovery Rectifier
logo
Weitron Technology
US3A WEITRON-US3A Datasheet
175Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
US05AM WEITRON-US05AM_09 Datasheet
651Kb / 3P
Surface Mount Ultra Fast Recovery Rectifiers
logo
YENYO TECHNOLOGY Co., L...
US1A YENYO-US1A Datasheet
523Kb / 2P
Surface Mount Ultra Fast Recovery Rectifier
US1AB YENYO-US1AB Datasheet
697Kb / 2P
Surface Mount Ultra Fast Recovery Rectifier
US2A YENYO-US2A Datasheet
667Kb / 2P
Surface Mount Ultra Fast Recovery Rectifier
logo
Pan Jit International I...
FRG05W PANJIT-FRG05W Datasheet
419Kb / 5P
Surface Mount Ultra Fast Recovery Rectifier
July 17,2020 FRG05W-REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com