Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC25005 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # KBPC25005
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

KBPC25005 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  KBPC25005 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD KBPC25005 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC2501W THRU KBPC2510W
CURRENT
25.0 Ampere
Component Index, file number SZXEC1902259902
2-1
VOLTAGE RANG
50 to 1000 Volts
www.asemi99.com
2018.11 Rev.3.1
Features
This series is SGS listed under the Recognized
Mechanical Data
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Surge overload ratings to 300 amperes
High temperature soldering guaranteed 265 C/10
seconds at 5 lbs (2.3kg) tension
Universal 4-way terminals, snap-on, wrap-around,
solder or P.C. Board mounting
Hole for
# 10 Screw
DIA.
+
5.35
0.25
+
28.55 0.25
+
18.1
0.5
+
11.10 0.13
+
11.4
0.5
+
28.55
0.25
+
18.1
0.5
30.5 MIN.
+
1.02
0.05
+
~
_
~
Dimensions in millimeters(1mm =0.0394")
Case: Metal case
Terminals: Plated copper leads .04" (1.02 mm)
diameter
Mounting Position: Bolt down with silicone thermal
compound between bridge and mounting
surface for maximum heat transfer efficiency
Weight: 1.007 ounce, 28.5 grams (approx)
Mounting Torque: 20 in-lb max.
2510W
2508W
2506W
2504W
2502W
2501W
2510W
2508W
2506W
2504W
2502W
2501W
Parameter
Symbol
unit
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=55 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 12.5A
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
Isolation voltage from case to leads
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
ReJA
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
V
V
V
A
A
V
A
2
sec
KBPC
25005
KBPC
KBPC KBPC KBPC KBPC KBPC
A
Vac
C / W
300
2.1
-55 to + 150
1.0
10
500
25
2500
374
KBPC
25005
KBPC
KBPC KBPC KBPC KBPC KBPC
VIS
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
ASEMI Bridge Rectifier


Similar Part No. - KBPC25005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC25005 SEMTECH-KBPC25005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC25005 SSE-KBPC25005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC25005 CHENYI-KBPC25005 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC25005 DCCOM-KBPC25005 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC25005 FUJI-KBPC25005 Datasheet
680Kb / 1P
25 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC25005

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com