Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST03P06 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # WST03P06
Description  P-Channel 60-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

WST03P06 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  WST03P06 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd WST03P06 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-65
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-5.5
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 60
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = - 1 mA
-
- 0.060
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.0
-
- 2.5
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
-
-
- 100
µA
VDS = - 48 VGS = 0 V, TJ = 150 °C
-
-
- 500
Drain-Source On-State Resistance
RDS(on)
VGS = - 10 V
ID = - 3.2 Ab
-
-
0.
Ω
Forward Transconductance
gfs
VDS = - 25 V, ID = - 3.2 Ab
1.6
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = - 25 V,
f = 1.0 MHz, see fig. 5
-
270
-
pF
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-31
-
Drain to Sink Capacitance
C
f = 1.0 MHz
-
12
-
Total Gate Charge
Qg
VGS = - 10 V
ID = - 4.7 A, VDS = - 48 V,
see fig. 6 and 13b
--
12
nC
Gate-Source Charge
Qgs
--
3.8
Gate-Drain Charge
Qgd
--
5.1
Turn-On Delay Time
td(on)
VDD = - 30 V, ID = - 4.7 A,
RG = 24 Ω, RD= 4.0 Ω,
see fig. 10b
-11
-
ns
Rise Time
tr
-63
-
Turn-Off Delay Time
td(off)
-9.6
-
Fall Time
tf
-31
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
- 5.2
A
Pulsed Diode Forward Currenta
ISM
--
- 21
Body Diode Voltage
VSD
TJ = 25 °C, IS = - 5.2 A, VGS = 0 Vb
--
- 5 .5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = - 4.7 A, dI/dt = 100 A/µsb
-
80
160
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.096
0.19
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
WST03P06
www.VBsemi.com
05
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com