Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD260 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # MSCD260
Description  Single arm rectifier module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

MSCD260 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  MSCD260 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD MSCD260 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD MSCD260 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD260; MSKD260; MSAD260
CURRENT
260 Ampere
Module Type
TYPE
VRRM
VRSM
MSCD260-08
MSCD260-12
MSCD260-16
MSCD260-18
MSAD260-08
MSAD260-12
MSAD260-16
MSAD260-18
MSKD260-08
MSKD260-12
MSKD260-16
MSKD260-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Tc=85℃
260
A
IFSM
t=10mS Tvj =45℃
11000
A
i2t
t=10mS Tvj =45℃
605000
A2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
℃
Tstg
-40 to +125
℃
Mt
To terminals(M8)
9±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module
650
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Module
0.08
℃
/W
Rth(c-s)
Module
0.05
℃
/W
Electrical Characteristics
Circuit
MSKD
1
3
2
MSAD
1
3
2
MSCD
1
3
2
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
VRRM 800 to 1800V
IFAV
260 Amp
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum nitride
ceramic isolated metal baseplate
Symbol
Conditions
Values
Units
VFM
T=25℃ IFM =750A
1.25
V
IRD
Tvj=TvjM VRD=VRRM
≤15
mA
VOLTAGE RANG
600 to 1800 Volts
Single arm rectifier module
3-1
www.asemi99.com
2018.11 Rev.3.1


Similar Part No. - MSCD260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSCD260 ETC2-MSCD260 Datasheet
481Kb / 3P
Rectifier Diode Modules
MSCD260-08 ETC2-MSCD260-08 Datasheet
481Kb / 3P
Rectifier Diode Modules
MSCD260-12 ETC2-MSCD260-12 Datasheet
481Kb / 3P
Rectifier Diode Modules
MSCD260-16 ETC2-MSCD260-16 Datasheet
481Kb / 3P
Rectifier Diode Modules
MSCD260-18 ETC2-MSCD260-18 Datasheet
481Kb / 3P
Rectifier Diode Modules
More results

Similar Description - MSCD260

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDQ-50 SEMPO-SMDQ-50 Datasheet
74Kb / 1P
Single Phase Bridge Rectifier Module
SMDQ-50H SEMPO-SMDQ-50H Datasheet
37Kb / 1P
Single Phase Bridge Rectifier Module
SMDQ-75 SEMPO-SMDQ-75 Datasheet
74Kb / 1P
Single Phase Bridge Rectifier Module
SMDQ-75H SEMPO-SMDQ-75H Datasheet
38Kb / 1P
Single Phase Bridge Rectifier Module
SMDQ-175 SEMPO-SMDQ-175 Datasheet
74Kb / 1P
Single Phase Bridge Rectifier Module
logo
SparkFun Electronics
ROB-12519 SPARKFUN-ROB-12519 Datasheet
94Kb / 1P
Hub Arm - Single (3)
2/3/2016
logo
ASEMI TECHNOLOGY., LTD
MDQ100 ASEMI-MDQ100 Datasheet
139Kb / 4P
single phase rectifier module
2018.11 Rev.3.1
MDQ200 ASEMI-MDQ200 Datasheet
85Kb / 3P
single phase rectifier module
2018.11 Rev.3.1
MDQ300 ASEMI-MDQ300 Datasheet
179Kb / 3P
single phase rectifier module
2018.11 Rev.3.1
MDQ500 ASEMI-MDQ500 Datasheet
191Kb / 3P
single phase rectifier module
2018.11 Rev.3.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com