Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL5010 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # QL5010
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

QL5010 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  QL5010 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD QL5010 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QL5006 THRU QL5010
CURRENT
50.0 Ampere
VOLTAGE RANG
600 to 1000 Volts
2-1
www.asemi99.com
2018.11 Rev.3.1
■ 最大值
符号
参数名称
额定值
QL
5006
5008
5010
VRRM
反向重复峰值电压
600
800
1000
V
VRSM
反向不重复峰值电压
700
900
1100
V
符号
参数名称
测试条件
额定值
单位
IF(AV)
正向平均电流
180°正弦半波 50HZ 单面散热 TC=55℃
50
A
IFSM
正向浪涌电流
t=10ms,50Hz,sin,
Tjm
500
A
I
2t
I
2t 值
1060
A
2S
VISO
绝缘电压
50Hz,R.M.S,t=1min,Iiso:1mA(max)
2000
V
Tj
工作结温
-40 to +150
Tjm
额定结温
150
Tstg
储存温度
-40 to +125
Md
安装力矩
M6
6
m
Wt
重量
45
g
■ 电特性
符号
参数名称
测试条件
最大值
单位
IRRM
反向重复峰值电流
VR=VRRM,正弦半波,Tj=25℃
5
μ A
VR=VRRM,正弦半波,Tj=150℃
3
mA
VFM
正向峰值电压
IFM =25A, Tj=25℃
1.1
V
Rth(j-c)
热阻抗(结-壳)
单面散热,正弦半波
1.5
℃/W
特点
●低正向压降
●绝缘电压 2000V~
●体积小、重量轻
●热阻小、导热率高、温升低
●UL 认证号 E304417
应用
●直流设备的电源
●PWM 变换器的输入整流器
●直流电机
ASEMI Bridge Rectifier


Similar Part No. - QL5010

ManufacturerPart #DatasheetDescription
logo
QANTEK Technology Corpo...
QL5 QANTEK-QL5 Datasheet
253Kb / 2P
QL5 Series
logo
Anshan Suly Electronics
QL5-300KV-3.0A ANSHAN-QL5-300KV-3.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-300KV-5.0A ANSHAN-QL5-300KV-5.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-300KV5.0A ANSHAN-QL5-300KV5.0A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-400KV-2.0A ANSHAN-QL5-400KV-2.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results

Similar Description - QL5010

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com