Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3045LFCT Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # SB3045LFCT
Description  30 Ampere low vf Schottky diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SB3045LFCT Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  SB3045LFCT Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
=6 A
=6 A
=6 A
=6 A
=6 A
=6 A
=6 A
=6 A
=15 A
=15 A
=15 A
=15 A
=15 A
=15 A
=15 A
=15 A
0.78
0.73
-----
10
0.70
0.49
-----
0.63
-----
-----
10
0.62
0.58
0.64
0.52
-----
-----
10
0.34
-----
0.40
-----
-----
10
0.40
0.30
-----
0.34
-----
0.45
20
80
uA
8
-----
0.75
20
80
uA
8
-----
0.44
-----
0.70
18
80
uA
8
-----
0.48
0.44
0.54
0.50
18
80
uA
8
-----
0.45
0.49
5-2
=105 V
=150 V
=60 V
=42 V
=45 V
=36 V
=105 V
=150 V
=36 V
=45 V
=42 V
=60 V
Units
Max.
Typ.
Symbol
Test Conditions
eter
www.asemi99.com
2018.11 Rev.3.1
Electrical Characteristics - (per leg)
( TA = 25℃ unless otherwise specified )
Param
IF
IF
Tj=25℃
IF
Instantaneous
Forward Voltage
IF
Tj=125℃
VF*
Volts
VR =70 V
uA
VR =100 V
Tj=25℃
VR =70 V
-----
-----
mA
Instantaneous
Reverse Current
VR =100 V
Tj=125℃
IR*
mA
* Pulse width < 300 uS, Duty cycle < 2%
IF
IF
Tj=25℃
IF
Instantaneous
Forward Voltage
IF
Tj=125℃
VF*
Volts
VR
uA
VR
Tj=25℃
VR
-----
-----
mA
Instantaneous
Reverse Current
VR
Tj=125℃
IR*
mA
IF
IF
Tj=25℃
IF
Instantaneous
Forward Voltage
IF
Tj=125℃
VF*
Volts
VR
uA
VR
Tj=25℃
VR
-----
-----
mA
Instantaneous
Reverse Current
VR
Tj=125℃
IR*
mA
IF
IF
Tj=25℃
IF
Instantaneous
Forward Voltage
IF
Tj=125℃
VF*
Volts
VR
uA
VR
Tj=25℃
VR
-----
-----
mA
Instantaneous
Reverse Current
VR
Tj=125℃
IR*
mA
CURRENT
30 Ampere
30 Ampere low vf Schottky diode
VOLTAGE RANG
45 to 150 Volts
SB3045LCT THRU SB30150LFCT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com