Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS115 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SS115
Description  plug-in ultra-fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SS115 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SS115 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SS115 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Approx. Weight:0.0011 ounces, 0.0628 grams
SS12F THRU SS120F
SS120
SS115
S M A F
Catalog
VOLTAGE RANG
20 to 200 Volts
CURRENT
1.0 Ampere
1-2
www.asemi99.com
2018.11 Rev.3.1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
88.0
90
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
10.0
5.0
0.55
0.85
SS12 SS13
SS15
SS14
SS16
SS110
SS18
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
110
0.45
200
140
200
150
105
150
0.95
0.2
2.0
Number
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, high efficiency
• Metal to silicon rectifier. majority carrier conduction
• High surge capacity
• High current capacity , low VF
94V-O
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• Lead free in comply with EU RoHS 2002/95/EC directives.
MECHANICAL DATA
• Case: SMAF molded plastic
Polarity : Color band denotes cathode end
•
NOT ES :
1. Mounted on an FR4 PCB, single-sided copper, with 48cm2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75 4.85 4.80
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max Typ
B
C
H
L
All Dimensions in mm
• Plastic package has Underwriters Laboratory Flammability
Classification
• Terminals: Solder plated, solderable per MIL-STD-750,Method
2026
plug-in ultra-fast recovery diode


Similar Part No. - SS115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS115 TSC-SS115 Datasheet
52Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS115 SSC-SS115 Datasheet
195Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
138Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS115

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SS220A ASEMI-SS220A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220BF ASEMI-SS220BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220F ASEMI-SS220F Datasheet
127Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320A ASEMI-SS320A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320BF ASEMI-SS320BF Datasheet
62Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320F ASEMI-SS320F Datasheet
60Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520A ASEMI-SS520A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520BF ASEMI-SS520BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520F ASEMI-SS520F Datasheet
61Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS610C ASEMI-SS610C Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com