Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS320F Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SS320F
Description  plug-in ultra-fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SS320F Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SS320F Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SS320F Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS320
SS315
SS32F THRU SS320F
VOLTAGE RANG
20 to 200 Volts
CURRENT
3.0 Ampere
1-2
www.asemi99.com
2018.11 Rev.3.1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
55.0
300
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
20
10
0.55
0.85
SS32 SS33
SS35
SS34
SS36
SS310
SS38
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
500
150
105
150
200
150
200
0.2
2.0
0.95
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
Case: SMAF,Molded Plastic
Mechanical Data
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0018 ounce, 0.064 grams
plug-in ultra-fast recovery diode
S M A F
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75 4.85 4.80
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max Typ
B
C
H
L
All Dimensions in mm


Similar Part No. - SS320F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SS320F KEXIN-SS320F Datasheet
1Mb / 3P
Schottky Diodes
logo
DONGGUAN YOU FENG WEI E...
SS320F YFWDIODE-SS320F Datasheet
173Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Nanjing International G...
SS320F DGNJDZ-SS320F Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS320F DGNJDZ-SS320F Datasheet
319Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS320F DGNJDZ-SS320F Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS320F

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SS120F ASEMI-SS120F Datasheet
125Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220A ASEMI-SS220A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220BF ASEMI-SS220BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220F ASEMI-SS220F Datasheet
127Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320A ASEMI-SS320A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320BF ASEMI-SS320BF Datasheet
62Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520A ASEMI-SS520A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520BF ASEMI-SS520BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520F ASEMI-SS520F Datasheet
61Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS610C ASEMI-SS610C Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com