Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T66E Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T66E
Description  6.0*6.0mm tact switch, radial taping, top actuated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T66E Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T66E Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2017 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Part Number
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
90 ~ 250 gram
0.25mm
100,000(100-250g) ; 300,000 (<100g)
50mA, 12V DC
100 MΩ min. @ 100V DC
250VAC For 1 minute
100mΩ max.
Material
Base
Cover
Stem
Contact
Terminal
PA6T
Steel
PA6T
Silver plated
Phosphor Bronze
Silver plated Brass
Part Name
Material
Product Features
01
T66E Series
-30⁰C ~ 85⁰C
6.0*6.0mm tact switch, radial taping, top actuated
Diagram
Low-cost design
Multiple options of stems and force
Radial taping for quick assembly
Slient clicking available
Specification
H
A
4.3
3.5
5.0
3.5
7.0
3.3
T66E
Series
09 90g
16 160g
25 250g
Force
43 4.3mm
50 5.0mm
70 7.0mm
Height “H”
12.7
6.35
5
2-0.5
2-0.7
2 - ø4
12.7
6
6
2-0.3
ø3.5
2-ø1
PCB Layout
5
Taping
B Bulk
Package
T


Similar Part No. - T66E

ManufacturerPart #DatasheetDescription
logo
EPCOS
T66 EPCOS-T66 Datasheet
152Kb / 6P
Ferrites and accessories
logo
Infineon Technologies A...
T660N INFINEON-T660N Datasheet
281Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1
logo
List of Unclassifed Man...
T6613 ETC2-T6613 Datasheet
113Kb / 4P
Small, Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
logo
Amphenol Corporation
T6613 AMPHENOL-T6613 Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
T6613-5K AMPHENOL-T6613-5K Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
More results

Similar Description - T66E

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
6.0 x 3.5 Top Actuated
14 Nov 22
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com