Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS21 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # IRS21
Description  IRS21 Intelligent Road Surface Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

IRS21 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  IRS21 Datasheet HTML 1Page - Campbell Scientific United Kingdom IRS21 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Campbell Scientific Ltd., Campbell Park, 80 Hathern Road, Shepshed, Loughborough. LE129GX,UK
Tel: +44 (0) 1509 601141 Fax: +44 (0) 1509 601091 Email: sales@campbellsci.co.uk
www.campbellsci.co.uk
IRS21 Intelligent Road
Surface Sensor
Specifications
Lufft’s IRS21 is a passive
sensor that monitors road
surface temperature, freezing
temperature for NaCl (others on
request), road condition (dry/
damp/wet/ice or snow / residual
salt/freezing), and water film
level (up to 4 mm). This
intelligent road surface sensor
is a primary component of our
Road Weather Information
Stations (RWIS). When used in
an RWIS application, the IRS21
is connected to a CR800,
CR850 or CR1000 datalogger
via the SDM-SIO1 Serial Data
Interface Module.
Installation
Two IRS21 sensors are typically
installed at the measurement
site. Each sensor is placed
inside a hole in the road and
then the hole is fitted with epoxy.
To provide accurate
measurements and prevent
damage to the sensor, the
IRS21 must be installed flush to
the road surface.
CSL 547
May 2009
Operating Humidity:
100% RH
TemperatureRange:
-40° to +70°C
operating; -50° to +70°C
storage
PowerRequirements:9to14
Vdc; less than 200 mA (during
measurement)
Interface:RS-485
RoadConditionOutput:dry,
damp,wet,snow,freezing
wetness,ice
RoadTemperatureRange:
-40° to +70°C (-40° to +158°F)
RoadTemperatureAccuracy:
±0.2°C (-10° to 10°C);
±0.5°C (-40° to 70°C)
RoadTemperatureResolution:
-0.1°C
Freezing Point Range: -20° to
0°C (-4° to +32°F)
Freezing Point Accuracy:
±0.1°C
Freezing Point Resolution:
-0.1°C
Dimensions: 13 cm (5”),
diameter, 5 cm (2”) height
Weight: 0.9 kg (2 lb)
Ordering Information
IRS21 - Intelligent Road Surface
Sensor with 25 m (75ft) cable.
SDM-SIO1 - Serial Interface
Module


Similar Part No. - IRS21

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2101PBF IRF-IRS2101PBF Datasheet
968Kb / 15P
HIGH AND LOW SIDE DRIVER
IRS2101PBF IRF-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
International Rectifier
IRS2101PBF IRF-IRS2101PBF_15 Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
IRS2101SPBF IRF-IRS2101SPBF Datasheet
968Kb / 15P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC1856 ETC2-ZSSC1856 Datasheet
2Mb / 179P
Intelligent Battery Sensor IC
logo
Advantech Co., Ltd.
ITA-3630VS-00A1E ADVANTECH-ITA-3630VS-00A1E Datasheet
965Kb / 3P
Intel짰 3rd Generation Core??i Processor Fanless Intelligent Video System for Road Surveillance
logo
Integrated Device Techn...
ZSSC1956 IDT-ZSSC1956 Datasheet
2Mb / 215P
Intelligent Battery Sensor IC
logo
Bosch Sensortec GmbH
BMA422 BOSCH-BMA422 Datasheet
247Kb / 2P
Intelligent, triaxial acceleration sensor
BMA421 BOSCH-BMA421 Datasheet
245Kb / 2P
Intelligent, triaxial acceleration sensor
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
Intelligent, triaxial acceleration sensor
logo
Zhengzhou Winsen Electr...
MH-741A WINSEN-MH-741A Datasheet
624Kb / 8P
Intelligent Infrared Methane Gas Sensor
logo
NXP Semiconductors
MM912 NXP-MM912 Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
logo
Vaisala
DRS511 VAISALA-DRS511 Datasheet
187Kb / 2P
Embedded Road and Runway Sensor DRS511
DSC111 VAISALA-DSC111 Datasheet
264Kb / 2P
Remote Road Surface State Sensor DSC111
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com