Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZ12B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # UDZ12B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ12B Datasheet(HTML) 2 Page - Diodes Incorporated

  UDZ12B Datasheet HTML 1Page - Diodes Incorporated UDZ12B Datasheet HTML 2Page - Diodes Incorporated UDZ12B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30290 Rev. 10 - 2
2 of 3
UDZ5V6B-UDZ15B
www.diodes.com
200
T , AMBIENT TEMPERATURE, (°C)
A
Fig. 1 Power Derating Curve
100
50
150
0
250
0
100
200
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
100
10
1.0
0.1
0.01
1000
1m
100n
10m
100m
4.0
6.0
8.0
10.0
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 3 Typical Reverse Characteristics, UDZ6V2B - UDZ8V2B
5.0
7.0
9.0
UDZ6V2B
UDZ8V2B
8.0
10.0
12.0
14.0
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 4 Typical Reverse Characteristics, UDZ10B - UDZ13B
9.0
11.0
13.0
UDZ10B
UDZ11B
1m
100n
10m
100m
UDZ12B
UDZ13B
10
16
20
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 5 Typical Reverse Characteristics, UDZ15B
12
14
18
0.1
10
100
1
UDZ15B
-0.08
0.12
-0.04
-0.06
0
6
10
V , ZENER VOLTAGE (V)
Z
Fig. 6 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ6V2B-UDZ10B
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com