Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA2P1N Datasheet(PDF) 4 Page - Diodes Incorporated

Part # CTA2P1N
Description  COMPLEX TRANSISTOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2P1N Datasheet(HTML) 4 Page - Diodes Incorporated

  CTA2P1N Datasheet HTML 1Page - Diodes Incorporated CTA2P1N Datasheet HTML 2Page - Diodes Incorporated CTA2P1N Datasheet HTML 3Page - Diodes Incorporated CTA2P1N Datasheet HTML 4Page - Diodes Incorporated CTA2P1N Datasheet HTML 5Page - Diodes Incorporated CTA2P1N Datasheet HTML 6Page - Diodes Incorporated CTA2P1N Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS30296 Rev. 7 - 2
4 of 7
CTA2P1N
www.diodes.com
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 4 Base-Emitter Voltage
vs. Collector Current
T = 25°C
A
T = -50°C
A
V
= 5V
CE
T = 150°C
A
0.2
0.3
0.4
0.5
0.9
0.8
0.7
0.6
1.0
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 3 Collector Emitter Saturation Voltage
vs. Collector Current
T = 25°C
A
T = 50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
C
I
B
= 10
I , BASE CURRENT (mA)
B
Fig. 2 Typical Collector Saturation Region
0.001
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C
1.0
5.0
20
10
30
-0.1
-10
-1.0
-30
REVERSE VOLTAGE (V)
Fig. 1 Typical Capacitance
Cobo
Cibo
MMBT4403 Section



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com