Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM560 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRM560
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM560 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRM560 Datasheet HTML 1Page - Diodes Incorporated MBRM560 Datasheet HTML 2Page - Diodes Incorporated MBRM560 Datasheet HTML 3Page - Diodes Incorporated MBRM560 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e3
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see
EU Directive Annex Note 7.
Note:
Pins 1 & 2 must be electrically
connected at the printed circuit board.
DS30299 Rev. 5 - 2
1 of 4
MBRM560
www.diodes.com
ã Diodes Incorporated
MBRM560
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
POWERMITE
â3
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: POWERMITE
â3
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish).
·
Polarity: See Diagram
·
Marking: See Page 3
·
Weight: 0.072 grams (approximate)
Mechanical Data
B
C
D
E
G
J
H
K
L
M
A
P
12
3
PIN 1
PIN 2
PIN 3, BOTTOMSIDE
HEAT SINK
C
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectified Output Current
(See also Figure 5)
IO
5A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
@ TC = 90
°C
IFSM
100
A
Typical Thermal Resistance Junction to Soldering Point
RqJS
2.7
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
Low Reverse Current
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant Version (Note 2)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
60
¾¾
V
IR = 0.2mA
Forward Voltage
VF
¾
¾
¾
¾
0.65
0.56
0.74
0.64
0.69
0.60
0.78
0.68
V
IF = 5A, TJ = 25
°C
IF = 5A, TJ = 125
°C
IF = 8A, TJ = 25
°C
IF = 8A, TJ = 125
°C
Reverse Current (Note 1)
IR
¾
¾
2
0.6
200
20
mA
mA
TJ = 25
°C, VR = 60V
TJ = 100
°C, VR = 60V
POWERMITE
â3
Dim
Min
Max
A
4.03
4.09
B
6.40
6.61
C
.889 NOM
D
1.83 NOM
E
1.10
1.14
G
.178 NOM
H
5.01
5.17
J
4.37
4.43
K
.178 NOM
L
.71
.77
M
.36
.46
P
1.73
1.83
All Dimensions in mm
Features
SPICE MODEL: MBRM560


Similar Part No. - MBRM560

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560 Datasheet
65Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 2 - 2
MBRM560-13 DIODES-MBRM560-13 Datasheet
65Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 2 - 2
MBRM560-13-F DIODES-MBRM560-13-F Datasheet
120Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 6 - 2
MBRM560 DIODES-MBRM560_2 Datasheet
120Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 6 - 2
More results

Similar Description - MBRM560

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560 Datasheet
65Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 2 - 2
SBM540 DIODES-SBM540 Datasheet
71Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 3 - 2
SBM540 DIODES-SBM540_1 Datasheet
389Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 6 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
MBRM560 DIODES-MBRM560_2 Datasheet
120Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 6 - 2
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
B540C UTC-B540C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B560C UTC-B560C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com