Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # IMT4
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMT4 Datasheet(HTML) 3 Page - Diodes Incorporated

  IMT4 Datasheet HTML 1Page - Diodes Incorporated IMT4 Datasheet HTML 2Page - Diodes Incorporated IMT4 Datasheet HTML 3Page - Diodes Incorporated IMT4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30303 Rev. 7 - 2
3 of 4
IMT4
www.diodes.com
0.1
1.0
100
10.0
0
0.9
0.8
0.7
0.6
0.1
0.2
0.3
0.4
0.5
V
, BASE-EMITTER VOLTAGE (V)
BE(ON)
Fig. 3 Typical Collector Current vs.
Base-Emitter Voltage
T = 25
°C
a
T = -25
°C
a
T = 75
°C
a
V
= 6V
CE
0
0
1
2
4
3
5
6
7
0.5
1.5
1
2
2.5
3.5
3
4.5
4
5
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 6 Typical Collector Current vs.
Collector-Emitter Voltage
T = 25
°C
a
1
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical Gain Bandwidth Product
vs. Collector Current
V
= 5V
CE
0.010
0.100
1.0
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical Collector-Emitter Voltage
vs. Collector Current
T = 150
°C
a
T = -50
°C
a
T = 25
°C
a
I /I = 10
C B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com