Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRL1060CD Datasheet(PDF) 1 Page - RFE international

Part # MBRL1060CD
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBRL1060CD Datasheet(HTML) 1 Page - RFE international

  MBRL1060CD Datasheet HTML 1Page - RFE international MBRL1060CD Datasheet HTML 2Page - RFE international MBRL1060CD Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High frequency operation
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Guard ring for enhanced ruggedness and long term reliability
Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
Package: TO-252
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked
PARAMETER
SYMBOL
UNIT
MBRL1060CD
Device marking code
MBRL1060CD
Repetitive Peak Reverse Voltage
VRRM
0
6
V
Average Rectified Output Current
@60Hz sine wave, R-load, Ta=25
IO
A
10
Surge(Non-repetitive)Forward Current
@60Hz half sine-wave, 1 cycle, Ta=25
IFSM
A
100
Current Squared Time
@1ms t 8.3ms Tj=25
I2t
A2s
41
Storage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
-55 ~ +150
PARAMETER
SYMBOL
UNIT
TEST
CONDITIONS
MBRL1060CD
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=5A
0.6
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM1
mA
VRM=VRRM
Tj=25
0.2
IRRM2
VRM=VRRM
Tj=125
20
PARAMETER
SYMBOL
UNIT
MBRL1060CD
Thermal Resistance
Between junction and case
R J-C
/W
3.0
Pin 3
Pin 1
Pin 2
Schottky Diodes
MBRL1060CD
TO-252
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PACKAGING INFORMATION
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MBRL1060CD
Approximate 1.9
3000
3000
30000
Reel
11-18-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - MBRL1060CD

ManufacturerPart #DatasheetDescription
logo
RFE international
MBRL1060CT RFE-MBRL1060CT Datasheet
1Mb / 3P
Schottky Diodes
11-18-2022
More results

Similar Description - MBRL1060CD

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com