Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRL20100FCT Datasheet(PDF) 1 Page - RFE international

Part # MBRL20100FCT
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBRL20100FCT Datasheet(HTML) 1 Page - RFE international

  MBRL20100FCT Datasheet HTML 1Page - RFE international MBRL20100FCT Datasheet HTML 2Page - RFE international MBRL20100FCT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● High frequency operation
● Low forward voltage drop
● High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
● Package : ITO-220AB
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals : Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity : As marked
PARAMETER
SYMBOL UNIT
MBRL20100FCT
Device marking code
MBRL20100FCT
Repetitive Peak Reverse Voltage
VRRM
V
100
Average Rectified Output Current
@60Hz sine wave, R-load, Ta=25
IO
A
20
Surge(Non-repetitive)Forward Current
@60Hz half sine-wave, 1 cycle, Ta=25
IFSM
A
150
Current Squared Time
@1ms≤t≤8.3ms Tj=25
I2t
A2s
94
Storage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
-55 ~ +150
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
MBRL20100FCT
Maximum instantaneous
forward voltage drop per diode
VFM
V
IFM=10.0A
0.72
Maximum DC reverse current
at rated DC blocking voltage
per diode
IRRM1
mA
VRM=VRRM
Ta=25
0.1
IRRM2
VRM=VRRM
Ta=100
20
Schottky Diodes
MBRL20100FCT
ITO-220AB
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
11-21-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
MBRL20100FCT
Thermal
Resistance
Between
junction
and case
RθJ-C
/W
4.0


Similar Part No. - MBRL20100FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRL20100FCT MCC-MBRL20100FCT Datasheet
371Kb / 3P
20 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
More results

Similar Description - MBRL20100FCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com