Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRL20150FCT Datasheet(PDF) 1 Page - RFE international

Part # MBRL20150FCT
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBRL20150FCT Datasheet(HTML) 1 Page - RFE international

  MBRL20150FCT Datasheet HTML 1Page - RFE international MBRL20150FCT Datasheet HTML 2Page - RFE international MBRL20150FCT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High frequency operation
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Guard ring for enhanced ruggedness and long term reliability
Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
Package: ITO-220AB
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked
PARAMETER
SYMBOL
UNIT
MBRL20150FCT
Device marking code
MBRL20150FCT
Repetitive Peak Reverse Voltage
VRRM
0
5
1
V
Average Rectified Output Current
@60Hz sine wave, R-load, Ta FIG 1
IO
A
20
Surge(Non-repetitive)Forward Current
@60Hz half sine-wave, 1 cycle, Ta=25
IFSM
A
160
Current Squared Time @1ms t 8.3ms Tj=25
I2t
A2s
106
Storage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
-55 ~ +150
PARAMETER
SYMBOL
UNIT
TEST
CONDITIONS
MBRL20150FCT
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=10.0A
0.84
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM1
mA
VRM=VRRM
Ta=25
0.1
IRRM2
VRM=VRRM
Ta=100
20
PARAMETER
SYMBOL
UNIT
MBRL20150FCT
Thermal Resistance
Between junction and case
R J-C
/W
4.0
Schottky Diodes
MBRL20150FCT
ITO-220AB
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PACKAGING INFORMATION
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MBRL20150FCT
Approximate 1.6
50
1000
5000
Tube
11-30-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - MBRL20150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRL20150FCT MCC-MBRL20150FCT Datasheet
371Kb / 3P
20 Amp Low VF Schottky Barrier Rectifier 100~150 Volts
More results

Similar Description - MBRL20150FCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com