Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBE2003S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 3 Page - NXP Semiconductors

  LBE2003S Datasheet HTML 1Page - NXP Semiconductors LBE2003S Datasheet HTML 2Page - NXP Semiconductors LBE2003S Datasheet HTML 3Page - NXP Semiconductors LBE2003S Datasheet HTML 4Page - NXP Semiconductors LBE2003S Datasheet HTML 5Page - NXP Semiconductors LBE2003S Datasheet HTML 6Page - NXP Semiconductors LBE2003S Datasheet HTML 7Page - NXP Semiconductors LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Mar 03
3
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCER
collector-emitter voltage
LBE2003S
RBE = 220 Ω−
35
V
LBE2009S; LCE2009S
RBE = 100 Ω−
35
V
VCEO
collector-emitter voltage
open base
−
16
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
LBE2003S
−
90
mA
LBE2009S; LCE2009S
−
250
mA
Ptot
total power dissipation
Tmb ≤ 75 °C
LBE2003S
−
1.4
W
LBE2009S; LCE2009S
−
3.5
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
200
°C
Tsld
soldering temperature
at 0.3 mm from case; t = 10 s
−
235
°C
Tmb ≤ 75 °C.
(1) Region of permissible DC operation.
(2) Permissible extension provided RBE ≤ 220 Ω.
(3) Second breakdown limit (independent of temperature).
Fig.3 DC SOAR; LBE2003S.
handbook, halfpage
102
10
IC
(mA)
1
(1)
(2)
(3)
MGD996
10
VCE (V)
15
20
30
40
60
100
Fig.4
Power dissipation derating as a function of
mounting-base temperature; LBE2003S.
handbook, halfpage
−50
0
200
2
1.5
0.5
0
1
50
100
150
MGD989
Tmb (
oC)
Ptot
(W)
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com