Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT12GLPC Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SBT12GLPC
Description  cUL Recognized to IEC60601-1-8 AMD2:2020 Any Melody - Low Priority Only
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SBT12GLPC Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SBT12GLPC Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
0
*Ipk = Instantaneous Peak
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
PATENT NUMBER: 7880593
±0.005 [±0.1]
tolerances:
±0.01 [±0.3]
Options:
Please contact factory.
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
Condition by wave solder (°C)
260 ± 5 within 5 sec
Condition by hand solder (°C)
350 ± 20 within 5 sec
Operating Temperature:
-30° to +65° C
Weight Typical:
0.6 oz (17g)
Ipk Current*:
75mA
Housing Material:
ABS 777D Plastic Resin, Black
Storage Temperature:
-40° to +85° C
150 to 4000 Hz
Loudness @ 10cm:
85 to 95 dB(A) Typ.
Average Current Draw:
<25mA Typ.
Frequency:
Any Melody - Low Priority Only
Mallory Sonalert Products,Inc.
SBT12GLPC
Sales Outline Drawing
E
Specifications:
cUL Recognized to IEC60601-1-8 AMD2:2020
Sound Level Category:
Loud
Mode of Operation:
Low Priority Alarm - 2 beeps repeating every 20 sec
Voltage Rating:
9 to 12 VDC
Ø1.750 [Ø44.5]
Ø0.039 [Ø1.0]
2 Holes Req'd
0.100 [2.5]
0.334 [8.5]
0.551 [14.0]
0.33 [8.4]


Similar Part No. - SBT12GLPC

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SBT12GLCFPPC MSPI-SBT12GLCFPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020
SBT12GLCMPPC MSPI-SBT12GLCMPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020
SBT12GLCSPPC MSPI-SBT12GLCSPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020
SBT12GLFL MSPI-SBT12GLFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Any Melody - Low Priority Only
SBT12GLHCTPC MSPI-SBT12GLHCTPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020
More results

Similar Description - SBT12GLPC

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSW5CHCMP MSPI-MSW5CHCMP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Cardiovascular Melody
MSW5CLHFP MSPI-MSW5CLHFP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Cardiovascular Melody
MSW5CMCFP MSPI-MSW5CMCFP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Cardiovascular Melody
MSW5CMCMP MSPI-MSW5CMCMP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Cardiovascular Melody
MSW5CMHCT MSPI-MSW5CMHCT Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Cardiovascular Melody
SBS12GLHCTPC MSPI-SBS12GLHCTPC Datasheet
87Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Any Melody - Low Priority Only
SBT12GHFL MSPI-SBT12GHFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 General Melody - High Priority Only
SBT12GHPC MSPI-SBT12GHPC Datasheet
83Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 General Melody - High Priority Only
SBT12GLFL MSPI-SBT12GLFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 Any Melody - Low Priority Only
SBT5GMFL MSPI-SBT5GMFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD2:2020 General Melody - Medium Priority Only
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com