Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE2009S Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LCE2009S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LCE2009S Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LCE2009S Datasheet HTML 4Page - NXP Semiconductors LCE2009S Datasheet HTML 5Page - NXP Semiconductors LCE2009S Datasheet HTML 6Page - NXP Semiconductors LCE2009S Datasheet HTML 7Page - NXP Semiconductors LCE2009S Datasheet HTML 8Page - NXP Semiconductors LCE2009S Datasheet HTML 9Page - NXP Semiconductors LCE2009S Datasheet HTML 10Page - NXP Semiconductors LCE2009S Datasheet HTML 11Page - NXP Semiconductors LCE2009S Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Mar 03
8
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
APPLICATION INFORMATION
Microwave performance for LBE2003S up to Tmb =25 °C in a common emitter class-A test circuit; note 1.
Notes
1. Circuit consists of prematching circuit boards in combination with complementary input and output slug tuners.
2. IC and VCE regulated.
3. Load power for 1 dB compressed power gain.
4. Low level power gain associated with PL1.
MODE OF OPERATION
f
(GHz)
VCE
(V) (2)
IC
(mA) (2)
PL1
(mW) (3)
Gpo
(dB) (4)
Zi
(
Ω)
ZL
(
Ω)
Class-A (CW)
2
18
30
≥200 (23)
typ. 250 (24)
≥10
typ. 11
6.2 + j30
17.5 + j7
Fig.7 Prematching test circuit board for 2 GHz.
Dimensions in mm.
Striplines on a double copper-clad printed-circuit board with PTFE fibreglass dielectric (
εr = 2.54); thickness: 0.8 mm.
handbook, full pagewidth
C
MCD635
input
output
C
10.5
2
3
2.5
2
12.5
621
3
2 2
66.5
12.5
7
10.5
14.5
2
2
0.5
1.2
1
6
3.5
5
5
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com