Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS110 Datasheet(PDF) 3 Page - RFE international

Part # SS110
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS110 Datasheet(HTML) 3 Page - RFE international

  SS110 Datasheet HTML 1Page - RFE international SS110 Datasheet HTML 2Page - RFE international SS110 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMA-W
Dim
Min
Max
A
4.00
4.60
B
2.40
2.65
C
4.80
5.31
D
2.05
2.45
E
0.80
1.50
F
0.10
0.20
G
1.15
1.80
Surface Mount Schottky Rectifiers
SS12 Through SS110
01-04-2023
Page 3 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
OUTLINE DIMENSIONS
•••••• •
••••• •
•
•
•
•
•
•
•
•
•
•
•
•
INSTANTANEOUS FORWARD VOLTAGE (V)
Tj=25°C
Pulse width = 300us
1% Duty Cycle
SS12 ~ SS14
SS15 ~ SS16
SS19 ~ SS110
1
1
100
1.0
10
0.1
0.01
0.2
0
0.4
1.4
0.6
0.8
1.0
1.2
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
Tj=75°C
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
1.0
10
0.1
40
•
•
•
•
•
•
•
•
•
•
•
•
SS12 ~ SS14
SS15 ~ SS16
1
Tj=125°C
Tj=25°C
0.01
0
20
100
60
80
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com