Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC0518-R47M1 Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MC0518-R47M1
Description  COMPOSITE FORMING SMDINDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MC0518-R47M1 Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  MC0518-R47M1 Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MC0518-R47M1 Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MC0518-R47M1 Datasheet HTML 3Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MC0518 series
Features:
Applications:
Large Current and Low DCR.
Notebooks/Desktops/Server applications.
Magnetically shielded construction.
Low profile, high current power supplies.
High frequency range up to 1.0 MHz.
Battery powered devices.
RoHS compliant* and halogen free.
DC/DC converters.
Low noise.
Operating temperature range: -40
℃ TO +125℃
Product identification:
L×W
HT
Dimensions (unit:inch/ mm):
Recommended Layout: [unit: inch/ mm]
Note:
·All test date is referenced to 25℃ ambient.
·DC current(ldc) that will cause an approximate △T of 40℃.
·DC current(last) that will cause Lo to drop approximately 30%.
·Operating temperature range:-40
℃ to +125℃.
• The part temperature (ambient + temp rise) should not exceed125℃ under the worst operating conditions. Circuit
design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part
temperature. Part temperature should be verified in the end application.
MC
□□ □□
□□□
□
□
Max
Idc (Amp)
Typical
Isat (Amp)
Typical
Product code
Inductance value
Tolerance
Serial code
Electrical Specifications @ 25℃
7.7
9
10.5
15.5
100KHz 0.25V
D.C.R (mΩ)
Heat Rating Current
Saturation Current
L0(μH) ±20%
'@0A
Typical
MC0518-R56M1
0.56
8
10
9.5
15
MC0518-R47M1
0.47
MC0518-1R0M1
1
15
17
8
10
MC0518-1R5M1
1.5
22
26
7.5
9
MC0518-2R2M1
2.2
30
35
5.5
7
MC0518-3R3M1
3.3
52
58
4.5
5
3.4
MC0518-4R7M1
4.7
78
85
3.5
4
10
140
155
2.5
3
MC0518-6R8M1
6.8
107
120
2.8
P/N
COMPOSITE FORMING SMD
INDUCTORS
MC0518-150M1
15
210
235
2
2.5
MC0518-100M1


Similar Part No. - MC0518-R47M1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MC05100-20 FAIRVIEW-MC05100-20 Datasheet
512Kb / 2P
SMA Directional Coupler 20 dB 100 MHz Rated To 3 Watts
REV 1.2
MC0512-10 FAIRVIEW-MC0512-10 Datasheet
499Kb / 3P
SMA Directional Coupler 10 dB Coupled Port From 500 MHz to 12.4 GHz Rated To 30 Watts
REV 4.1
MC0512-20 FAIRVIEW-MC0512-20 Datasheet
518Kb / 3P
SMA Directional Coupler 20 dB Coupled Port From 500 MHz to 12.4 GHz Rated To 30 Watts
REV 4.4
MC0512-30 FAIRVIEW-MC0512-30 Datasheet
626Kb / 3P
SMA Directional Coupler 30 dB Coupled Port From 500 MHz to 12.4 GHz Rated To 30 Watts
REV 4.3A
MC0512A-10 FAIRVIEW-MC0512A-10 Datasheet
602Kb / 3P
SMA Directional Coupler 10 dB 500 MHz to 12.4 GHz Rated to 30 Watts
REV 1.0A
More results

Similar Description - MC0518-R47M1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0420 FPE-MC0420 Datasheet
274Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0624 FPE-MC0624 Datasheet
251Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0640 FPE-MC0640 Datasheet
237Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0650 FPE-MC0650 Datasheet
290Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1770 FPE-MC1770 Datasheet
252Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com