Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC0530-R22M1 Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MC0530-R22M1
Description  COMPOSITE FORMING SMD INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MC0530-R22M1 Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  MC0530-R22M1 Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MC0530-R22M1 Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MC0530-R22M1 Datasheet HTML 3Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MC0530 series
Features:
Applications:
Large Current and Low DCR.
Notebooks/Desktops/Server applications.
Magnetically shielded construction.
Low profile, high current power supplies.
High frequency range up to 1.0 MHz.
Battery powered devices.
RoHS compliant* and halogen free.
DC/DC converters.
Low noise.
Operating temperature range: -40
℃ TO +125℃
Product identification:
L×W
HT
Dimensions (unit:inch/ mm):
Recommended Layout: [unit: inch/ mm]
Note:
·All test date is referenced to 25℃ ambient.
·DC current(ldc) that will cause an approximate △T of 40℃.
·DC current(last) that will cause Lo to drop approximately 30%.
·Operating temperature range:-40
℃ to +125℃.
• The part temperature (ambient + temp rise) should not exceed125℃ under the worst operating conditions. Circuit
design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part
temperature. Part temperature should be verified in the end application.
3.5
2.5
126
113
10
MC0530-100M1
Product code
Inductance value
Tolerance
Serial code
MC
□□ □□
□□□
□
MC0530-1R0M1
1
13.5
15
6.5
0.47
0.68
10.8
9.5
10
MC0530-6R8M1
6.8
80
90
3.2
4
MC0530-4R7M1
4.7
54
60
4
5
7
MC0530-3R3M1
3.3
35
40
4.5
6
21
25
6
9
MC0530-2R2M1
2.2
25
29
5.5
MC0530-R22M1
MC0530-R33M1
MC0530-R47M1
MC0530-R68M1
7.6
8.5
12
8
11
D.C.R (mΩ)
MC0530-1R5M1
0.33
0.22
13
Saturation Current
1.5
COMPOSITE FORMING SMD
INDUCTORS
18
15.8
18
Electrical Specifications @ 25℃
Heat Rating Current
Typical
Max
□
P/N
Isat (Amp)
Typical
5.0
5.5
3.9
100KHz 0.25V
14
4.23
Idc (Amp)
Typical
L0(μH) ±20%
'@0A


Similar Part No. - MC0530-R22M1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MC053S-10 FAIRVIEW-MC053S-10 Datasheet
482Kb / 3P
SMA Directional Coupler 10 dB Coupled Port From 500 MHz to 3 GHz Rated To 50 Watts
REV 1.3
MC053S-20 FAIRVIEW-MC053S-20 Datasheet
591Kb / 3P
SMA Directional Coupler 20 dB Coupled Port From 500 MHz to 3 GHz Rated To 50 Watts
REV 1.4
MC053S-30 FAIRVIEW-MC053S-30 Datasheet
482Kb / 3P
SMA Directional Coupler 30 dB Coupled Port From 500 MHz to 3 GHz Rated To 50 Watts
REV 1.2
MC053SA-10 FAIRVIEW-MC053SA-10 Datasheet
480Kb / 3P
SMA Directional Coupler 10 dB 3 GHz Rated To 50 Watts
REV 1.1A
More results

Similar Description - MC0530-R22M1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0518 FPE-MC0518 Datasheet
271Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1350 FPE-MC1350 Datasheet
231Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MC1365 FPE-MC1365 Datasheet
232Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MC2213 FPE-MC2213 Datasheet
262Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MA0530-1 FPE-MA0530-1 Datasheet
233Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com