Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC1350-R47M1 Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MC1350-R47M1
Description  COMPOSITE FORMING SMD INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MC1350-R47M1 Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  MC1350-R47M1 Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MC1350-R47M1 Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MC1350-R47M1 Datasheet HTML 3Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MC1350 series
Features:
Applications:
Large Current and Low DCR.
Notebooks/Desktops/Server applications.
Magnetically shielded construction.
Low profile, high current power supplies.
High frequency range up to 1.0 MHz.
Battery powered devices.
RoHS compliant* and halogen free.
DC/DC converters.
Low noise.
Operating temperature range: -40
℃ TO +125℃
Product identification:
L×W
HT
Dimensions (unit:inch/ mm):
Recommended Layout: [unit: inch/ mm]
Note:
·All test date is referenced to 25℃ ambient.
·DC current(ldc) that will cause an approximate △T of 40℃.
·DC current(last) that will cause Lo to drop approximately 30%.
·Operating temperature range:-40
℃ to +125℃.
• The part temperature (ambient + temp rise) should not exceed125℃ under the worst operating conditions. Circuit
design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part
temperature. Part temperature should be verified in the end application.
MC1350-220M1
6.5
13
10
7
35
45
22
5.5
52
MC1350-100M1
21
10
30
15
MC1350-150M1
9
25
Product code
Inductance value
Tolerance
Serial code
MC1350-6R8M1
6.8
15
17.6
MC
□□ □□
□□□
□
20
20
36
4.7
9
10
15
MC1350-4R7M1
MC1350-3R3M1
3.3
5.8
7
16
10
13.5
MC1350-R47M1
MC1350-R68M1
1.8
2.1
2.2
4
5
20.5
25
MC1350-2R2M1
0.68
0.47
Saturation Current
P/N
MC1350-1R0M1
1
30
Isat (Amp)
Typical
COMPOSITE FORMING SMD
INDUCTORS
50
38
55
Electrical Specifications @ 25℃
Heat Rating Current
Typical
Max
□
1.3
1.5
1
100KHz 0.25V
35
1.2
Idc (Amp)
Typical
L0(μH) ±20%
'@0A
D.C.R (mΩ)
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX


Similar Part No. - MC1350-R47M1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
IF AMPLIFIER
logo
LANSDALE Semiconductor ...
MC1350D LANSDALE-MC1350D Datasheet
582Kb / 6P
Monolithic IF Amplifier
MC1350D LANSDALE-MC1350D Datasheet
189Kb / 6P
Monolithic IF Amplifier
logo
Motorola, Inc
MC1350D MOTOROLA-MC1350D Datasheet
165Kb / 6P
IF AMPLIFIER
logo
LANSDALE Semiconductor ...
MC1350P LANSDALE-MC1350P Datasheet
582Kb / 6P
Monolithic IF Amplifier
More results

Similar Description - MC1350-R47M1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0518 FPE-MC0518 Datasheet
271Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0530 FPE-MC0530 Datasheet
234Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1365 FPE-MC1365 Datasheet
232Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MC2213 FPE-MC2213 Datasheet
262Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MA0530-1 FPE-MA0530-1 Datasheet
233Kb / 3P
COMPOSITE FORMING SMD INDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com