Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB004-T13 Datasheet(PDF) 2 Page - Protek Devices

Part # USB004-T13
Description  STEERING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB004-T13 Datasheet(HTML) 2 Page - Protek Devices

  USB004-T13 Datasheet HTML 1Page - Protek Devices USB004-T13 Datasheet HTML 2Page - Protek Devices USB004-T13 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USB004
2
05140.R7 6/06
www.protekdevices.com
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
225
mW
°C
-55°C to 150°C
UNITS
TSTG
PPC
PARAMETER
Continuous Power Dissipation
Operating Temperature
T
J
-55°C to 150°C
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Repetitive Peak Forward Current @ tp = 5µs, F = 50kHz (Pin 2-3)
IFRM
700
mA
0
1
2
3
4
5
6
7
8
9
10
V
F - Forward Voltage - V
800
840
880
920
960
1000
V
F - Forward Voltage - mV
FIGURE 1
PEAK FORWARD CURRENT VS FORWARD VOLTAGE
10
8
6
4
2
0
FIGURE 2
LOW FORWARD CURRENT VS FORWARD VOLTAGE
110
90
70
50
30
10
Note 1: V
P - VN = 20V.
Note 2: V
P - VN = 5.5V.
Note 3: Between Line and Ground - V
P = 5V, f = 1MHz, VI/O = 2.5V, VN = 0V.
PART
NUMBER
DEVICE
MARKING
CODE
REPETITIVE
PEAK
REVERSE
VOLTAGE
(See Note 1)
@ 10µA
V
RRM
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
(See Note 2)
V
RRM @ 5V
I
R
µA
MAXIMUM
DIODE
FORWARD
VOLTAGE
@ 20mA
V
F
VOLTS
MAXIMUM
CAPACITANCE
(See Note 3 )
C
j
pF
USB004
PSA
20
1
0.95
6
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com