Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB208 Datasheet(PDF) 2 Page - Protek Devices

Part # USB208
Description  STEERING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB208 Datasheet(HTML) 2 Page - Protek Devices

  USB208 Datasheet HTML 1Page - Protek Devices USB208 Datasheet HTML 2Page - Protek Devices USB208 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
05141.R9 2/07
www.protekdevices.com
USB208
DEVICE CHARACTERISTICS
Continuous Power Dissipation
SYMBOL
VALUE
700
mA
mW
500
UNITS
PPC
IFRM
PARAMETER
Repetitive Peak Forward Current @ tp= 5µs, F=50kHz (Pin 2-3)
Operating Temperature
T
A
-55 to 150
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Storage Temperature
TSTG
-55 to 150
°C
Note 1: Apply a 5V bias between pins 2 (REF 1) to pin 5 (REF 2). Measure C
j between any I/O pins to pin 5 (REF 2) and divide by two.
PART
NUMBER
DEVICE
MARKING
CODE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
(PER DIODE)
V
RRM @ 5V
I
R
µA
MAXIMUM
CAPACITANCE
(See Note 1)
C
J
pF
USB208
PSB
1
5
TYPICAL
FORWARD
VOLTAGE
@ 50mA
V
F
VOLTS
1.2
REPETITIVE
PEAK
REVERSE
VOLTAGE
@10µA
V
RRM
VOLTS
20
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
0
1
2
3
4
5
6
7
8
9
10
800
840
880
920
960
1000
V
F - Forward Voltage - V
FIGURE 1
PEAK FORWARD CURRENT VS FORWARD VOLTAGE
10
8
6
4
2
0
V
F - Forward Voltage - mV
FIGURE 2
LOW FORWARD CURRENT VS FORWARD VOLTAGE
110
90
70
50
30
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com