Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0405-T13 Datasheet(PDF) 2 Page - Protek Devices

Part # USB0405-T13
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0405-T13 Datasheet(HTML) 2 Page - Protek Devices

  USB0405-T13 Datasheet HTML 1Page - Protek Devices USB0405-T13 Datasheet HTML 2Page - Protek Devices USB0405-T13 Datasheet HTML 3Page - Protek Devices USB0405-T13 Datasheet HTML 4Page - Protek Devices USB0405-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
USB0403
thru
USB0424C
2
05205.R1 6/06
www.protekdevices.com
DEVICE CHARACTERISTICS
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., USB0405C.
Note 2:
Unidirectional Only: Positive potential is applied from pin 2 to 1 or pin 3 to 4.
PART
NUMBER
(See Notes 1-2)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 5A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
0V @ 1 MHz
C
pF
USB0403
USB0403C
USB0405
USB0405C
USB0408
USB0408C
USB0412
USB0412C
USB0415
USB0415C
USB0424
USB0424C
3U
3B
5U
5B
8U
8B
12U
12B
15U
15B
24U
24B
4.0
4.0
6.0
6.0
8.5
8.5
13.3
13.3
16.6
16.6
26.7
26.7
9.0
9.0
11.0
11.0
16.6
16.6
24.0
24.0
30.0
30.0
N/A
N/A
19.0V @ 20.0A
19.0V @ 20.0A
18.3V @ 17.0A
18.3V @ 17.0A
18.5V @ 17.0A
18.5V @ 17.0A
28.6V @ 11.0A
28.6V @ 11.0A
31.8V @ 10.0A
31.8V @ 10.0A
56.0V @ 6.0A
56.0V @ 6.0A
5
5
5
5
5
5
5
5
5
5
5
5
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
125
20
20
10
10
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
500W 8/20µs Waveform
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com