Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP33AS Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 5KP33AS
Description  Axial Lead Transient Voltage Suppressors 10 To 60V 6000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP33AS Datasheet(HTML) 2 Page - UN Semiconducctor INC

  5KP33AS Datasheet HTML 1Page - UN Semiconducctor INC 5KP33AS Datasheet HTML 2Page - UN Semiconducctor INC 5KP33AS Datasheet HTML 3Page - UN Semiconducctor INC 5KP33AS Datasheet HTML 4Page - UN Semiconducctor INC 5KP33AS Datasheet HTML 5Page - UN Semiconducctor INC 5KP33AS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Axial Lead Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/5
5KPS Series
10 To 60V 6000W
Part Number
Bi
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage
VBR
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Maximum
Reverse
Surge
Current IPP¹
(A)
Maximum
Clamping
Voltage
VC @IPP (V)
Test
Current
IT (mA)
Min (V)
Max (V)
Uni
5KP10CAS
5KP11CAS
5KP12CAS
5KP13CAS
5KP14CAS
5KP15CAS
5KP16CAS
5KP18CAS
5KP20CAS
5KP22CAS
5KP24CAS
5KP26CAS
5KP28CAS
5KP30CAS
5KP33CAS
5KP36CAS
5KP40CAS
5KP43CAS
5KP48CAS
5KP54CAS
5KP58CAS
5KP60CAS
5KP10AS
5KP11AS
5KP12AS
5KP13AS
5KP14AS
5KP15AS
5KP16AS
5KP18AS
5KP20AS
5KP22AS
5KP24AS
5KP26AS
5KP28AS
5KP30AS
5KP33AS
5KP36AS
5KP40AS
5KP43AS
5KP48AS
5KP54AS
5KP58AS
5KP60AS
10.0
11.0
12.0
13.0
14.0
15.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
33.0
36.0
40.0
43.0
48.0
54.0
58.0
60.0
11.80
12.20
13.30
14.40
15.60
16.70
17.80
20.00
22.20
24.40
26.70
28.90
31.10
33.30
36.70
40.00
44.40
49.00
53.30
60.00
64.40
68.40
13.00
13.50
14.70
15.90
17.20
18.50
19.70
22.10
24.50
26.90
29.50
31.90
34.40
36.80
40.60
44.20
49.10
54.20
58.90
66.30
71.20
75.60
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
17.0
18.2
19.9
21.5
23.2
24.4
26.0
29.2
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
77.4
87.1
93.6
96.8
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
350.0
327.0
300.0
277.0
257.0
245.0
229.0
204.0
184.0
168.0
154.0
142.0
131.0
123.0
112.0
103.0
92.50
86.00
77.00
68.50
64.00
61.50
Electrical Characteristis (@ 25°C Unless Otherwise Specified )
Note:(1)Surge waveform: 10/1000μs
Figure 2 - Pulse Derating Curve
TA-Ambient temperature(°C)
0
25
50
75
100 125 150 175 200
0
20
40
60
80
100
Figure 1 - Pulse Waveform
t - Time (ms)
10/1000µsec. Waveform
as defined by R.E.A
Half Value
IPPM (IPPM/2)
Peak Value
IPPM
tr=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com