Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP54AS Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # 5KP54AS
Description  Axial Lead Transient Voltage Suppressors 10 To 60V 6000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP54AS Datasheet(HTML) 4 Page - UN Semiconducctor INC

  5KP54AS Datasheet HTML 1Page - UN Semiconducctor INC 5KP54AS Datasheet HTML 2Page - UN Semiconducctor INC 5KP54AS Datasheet HTML 3Page - UN Semiconducctor INC 5KP54AS Datasheet HTML 4Page - UN Semiconducctor INC 5KP54AS Datasheet HTML 5Page - UN Semiconducctor INC 5KP54AS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Axial Lead Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/5
5KPS Series
10 To 60V 6000W
Soldering Parameters
Dimensions
Dimensions
A
B
C
D
Min
Max
Max
Min
Inches
Millimeters
1.000
0.340
0.048
0.340
-
0.360
0.052
0.360
25.40
8.64
1.22
8.64
-
9.14
1.32
9.14
Part Numbering
K P
C A
xxx
5
R6/P600
S
pd-Lead–free assembly
150°C
200°C
60 -180 Seconds
3°C/second max
5°C/second max
217°C
60 -150 Seconds
260 +0/-5°C
20 - 40 Seconds
6°C/second max
8 minutes Max
280°C
Reflow Condition
Pre Heat
-Temperature Min (Ts(min))
-Temperature Max (Ts(max))
- Time (min to max) (TS)
Average ramp up rate ( Liquidus
Temp TL) to peak
TS(max) to TL - Ramp-up Rate
Reflow
- Temperature (TL) (Liquidus)
- Time (min to max) (TS)
Peak Temperature (TP)
Do not exceed
Time 25°C to peak Temperature (TP)
Time within 5°C of actual peak
Temperature (TP)
Ramp-down Rate
Super
5% VBR Voltage Tolerance
Bi-Directional
VR Voltage
Series
Ramp up
TS(MAX)
TS(MIN)
Ramp down
Time
TP
TL
25
Critical Zone
TL to TP
TL
Time 25℃ to peak
Ts
Preheat
Tp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com