Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP40C Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # 3KP40C
Description  5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

3KP40C Datasheet(HTML) 4 Page - UN Semiconducctor INC

  3KP40C Datasheet HTML 1Page - UN Semiconducctor INC 3KP40C Datasheet HTML 2Page - UN Semiconducctor INC 3KP40C Datasheet HTML 3Page - UN Semiconducctor INC 3KP40C Datasheet HTML 4Page - UN Semiconducctor INC 3KP40C Datasheet HTML 5Page - UN Semiconducctor INC 3KP40C Datasheet HTML 6Page - UN Semiconducctor INC 3KP40C Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
ROHS
3KP Series
5.0 To 190V 3000W
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 6 - Maximum Non-Repetitive Surge Current
TA-Ambient temperature(°C)
0
25
50
75
100
125
150
175
0
20
40
60
80
100
t - Time (ms)
10/1000µsec. Waveform
as defined by R.E.A
Half Value
IPPM (IPPM/2)
Peak Value
IPPM
tr=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150
VBR-Reverse Breakdown Voltage (V)
1.0
10.0
100.0
1000.0
1
10
100
1000
10000
100000
Tj=25°C
f=1.0MHz
Vsig=50mVp-p
Uni-directional @VRWM
Bi-directional
@zero bins
Uni-directional
@zero bins
Bi-directional @VRWM
Number of Cycles at 60Hz
1
10
100
0
40
80
120
160
200
TJ=TJ max.
8.3 ms Single Half Sine-Wave
Figure 5 - Steady State Power Derating Curve
0
25
50
75
100
125
150
175
200
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
TL - Lead Temperature(°C)
0.1
1
10
100
0.1
1
10
100
1000
10000
TD - Pulse Width (μs)
1/6
2/6
3/6
4/6
5/6
6/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com