Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM360 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRM360
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM360 Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRM360 Datasheet HTML 1Page - Diodes Incorporated MBRM360 Datasheet HTML 2Page - Diodes Incorporated MBRM360 Datasheet HTML 3Page - Diodes Incorporated MBRM360 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30355 Rev. 4 - 2
3 of 4
MBRM360
www.diodes.com
0
0.5
1
1.5
2.5
2
3
3.5
4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 DC Forward Current Derating
Note 3
Note 4
Note 5
0
1
2
3
4
0
1
2
3
4
5
6
7
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 6 Forward Power Dissipation
Note 6
Note 7
Notes:
3. TA = TSOLDERING POINT, RqJS = 3.2°C/W, RqSA = 0°C/W.
4.
Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad
dimensions 0.25” x 1.0”. RqJA in range of 20-40°C/W.
5. Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RqJA in range of
100-120°C/W.
6. Maximum power dissipation when the device is mounted in accordance to the conditions described in Note 4.
7. Maximum power dissipation when the device is mounted in accordance to the conditions described in Note 5.
MBRM360 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 02 for 2002
WW = Week code 01 to 52
(K) = Factory Designator
YYWW(K)
MBRM360
Device
Packaging
Shipping
MBRM360-13-F
POWERMITEâ3
5000/Tape & Reel
Ordering Information (Note 8)
POWERMITE is a registered trademark of Microsemi Corporation.
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com