Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA28 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBTA28
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA28 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBTA28 Datasheet HTML 1Page - Diodes Incorporated MMBTA28 Datasheet HTML 2Page - Diodes Incorporated MMBTA28 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
Lead-free
DS30367 Rev. 8 - 2
1 of 3
MMBTA28
www.diodes.com
© Diodes Incorporated
MMBTA28
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
•
Epitaxial Planar Die Construction
•
Ideal for Low Power Amplification and Switching
•
High Current Gain
•
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
12
V
Collector Current - Continuous
IC
500
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
C
B
E
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Marking (See Page 3): K6R
•
Ordering & Date Code Information: See Page 3
•
Weight: 0.008 grams (approximate)
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1.
Device mounted on FR-4 PCB, 1.6x1.6x0.06 inch pad layout as shown on Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
C
B
E
Features
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
80
V
IC = 100
µA IE = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
12
V
IE = 100
µA IC = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
80
V
IC = 100
µA IB = 0
Collector Cutoff Current
ICBO
100
nA
VCB = 60V, IE = 0
ICES
500
nA
VCE = 10V
Emitter Cutoff Current
IEBO
100
nA
VEB = 10V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
10,000
10,000
IC = 10mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
1.5
V
IC = 100mA, IB = 100
µA
Base-Emitter Saturation Voltage
VBE(SAT)
2.0
V
IC = 100mA, VCE = 5.0V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
8.0 Typical
pF
VCB = 10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
15 Typical
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
125
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
SPICE MODEL: MMBTA28


Similar Part No. - MMBTA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTA28 FAIRCHILD-MMBTA28 Datasheet
122Kb / 4P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
logo
Fairchild Semiconductor
MMBTA28 FAIRCHILD-MMBTA28 Datasheet
634Kb / 15P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28 Datasheet
220Kb / 4P
NPN Surface Mount Darlington Transistor
More results

Similar Description - MMBTA28

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Micro Commercial Compon...
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
NPN Surface Mount Darlington Transistor
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com