Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC857BS
Description  DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BS Datasheet(HTML) 2 Page - Diodes Incorporated

  BC857BS Datasheet HTML 1Page - Diodes Incorporated BC857BS Datasheet HTML 2Page - Diodes Incorporated BC857BS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30373 Rev. 5 - 2
2 of 3
BC857BS
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DC Current Gain (Note 3)
hFE
220
—
475
—
VCE = -5.0V, IC = -2.0mA
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
—
—
625
°C/W
Note 1
Collector-Emitter Saturation Voltage (Note 3)
VCE(SAT)
—
—
—
-100
-400
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage (Note 3)
VBE(SAT)
—
-700
—
mV
IC = -10mA, IB = -0.5mA
Base-Emitter Voltage (Note 3)
VBE
-580
-665
-750
mV
VCE = -5.0V, IC = -2.0mA
Collector Cutoff Current
ICBO
ICBO
—
—
—
-15
-4.0
nA
µA
VCB = -30V, IE = 0
VCB = -30V, Tj = 150°C
Emitter Cutoff Current
IEBO
—
—
-100
nA
VEB = -5.0V, IC = 0
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
—
3
pF
VCB = -10V, f = 1.0MHz
Emitter-Base Capacitance
CEBO
—
11
—
pF
VEB = -0.5V, f = 1.0MHz
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Short duration test pulse used to minimize self-heating effect.
0
50
100
150
200
250
0
100
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1, Power Derating Curve
(see Note 1)
1
10
100
1000
10
100
1
I , COLLECTOR CURRENT (mA)
C
Fig. 2, DC Current Gain vs Collector Current
V
= -5V
CE
T = 25
°C
A
T = -50
°C
A
T = 150
°C
A
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Collector Saturation Voltage vs Collector Current
I / I = 20
C
B
T = 150
°C
A
T = 25
°C
A
T = -50
°C
A
10
100
1000
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 4, Gain Bandwidth Product vs Collector Current
V
= -5V
CE
T = 25
°C
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com