Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F200B Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F200B
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200B Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F200B_01 Datasheet HTML 3Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 4Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 5Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 6Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 7Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 8Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 9Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 10Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
10
Am29F200B Known Good Die
SU PPL EMEN T
REVISION SUMMARY
Revision A (1997)
Initial release.
Revision B (December 1997)
Formatted for 1998 flash data book.
Revision C (November 1998)
Global
Formatted to match current template. Modified
Am29F200A data sheet for CS39S process technology.
Terms and Conditions
Replaced warranty with new version.
Revision D (December 1998)
Global
Added -75 speed option.
Ordering Information
Changed Gel-Pak quantity to 486. Corrected Surftape
reel size to 7 inches.
Packaging Information
Added section. Moved orientation information from die
photograph section into this section.
Revision D+1 (June 14, 1999)
Physical Specifications
Corrected bond pad dimensions and deleted Si from
the bond pad metalization specification.
Revision D+2 (July 12, 1999)
Global
The device is now available in the high temperature
range (–55
°C to +140°C). TJ (max) for this range is
+145
°C.
Revision D+3 (November 17, 1999)
Global
Replaced references to high temperature ratings with a
note to contact AMD for such devices.
Revision D+4 (June 27, 2001)
Manufacturing Information
Added Penang, Malaysia as a test facility (ACN2016).
Trademarks
Copyright © 2001 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com