Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040B Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F040B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F040B Datasheet HTML 1Page - Advanced Micro Devices AM29F040B Datasheet HTML 2Page - Advanced Micro Devices AM29F040B Datasheet HTML 3Page - Advanced Micro Devices AM29F040B Datasheet HTML 4Page - Advanced Micro Devices AM29F040B Datasheet HTML 5Page - Advanced Micro Devices AM29F040B Datasheet HTML 6Page - Advanced Micro Devices AM29F040B Datasheet HTML 7Page - Advanced Micro Devices AM29F040B Datasheet HTML 8Page - Advanced Micro Devices AM29F040B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DATA SHEET
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21445
Rev: E Amendment: 5
Issue Date: November 1, 2006
Am29F040B
4 Megabit (512 K x 8-Bit)
CMOS 5.0 Volt-only, Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
•
5.0 V
± 10% for read and write operations
— Minimizes system level power requirements
•
Manufactured on 0.32 µm process technology
— Compatible with 0.5 µm Am29F040 device
•
High performance
— Access times as fast as 55 ns
•
Low power consumption
— 20 mA typical active read current
— 30 mA typical program/erase current
— 1 µA typical standby current (standard access
time to active mode)
•
Flexible sector architecture
— 8 uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased
— Supports full chip erase
— Sector protection:
A hardware method of locking sectors to prevent
any program or erase operations within that sector
•
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies bytes at specified addresses
•
Minimum 1,000,000 program/erase cycles per
sector guaranteed
•
20-year data retention at 125
°C
— Reliable operation for the life of the system
•
Package options
— 32-pin PLCC, TSOP, or PDIP
•
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply Flash standard
— Superior inadvertent write protection
•
Data# Polling and toggle bits
— Provides a software method of detecting
program or erase cycle completion
•
Erase Suspend/Erase Resume
— Suspends a sector erase operation to read data
from, or program data to, a non-erasing sector,
then resumes the erase operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com