Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL800B Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29DL800B
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800B Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29DL800B Datasheet HTML 11Page - Advanced Micro Devices AM29DL800B Datasheet HTML 12Page - Advanced Micro Devices AM29DL800B Datasheet HTML 13Page - Advanced Micro Devices AM29DL800B Datasheet HTML 14Page - Advanced Micro Devices AM29DL800B Datasheet HTML 15Page - Advanced Micro Devices AM29DL800B Datasheet HTML 16Page - Advanced Micro Devices AM29DL800B Datasheet HTML 17Page - Advanced Micro Devices AM29DL800B Datasheet HTML 18Page - Advanced Micro Devices AM29DL800B Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
December 4, 2006 21519C4
Am29DL800B
13
D A TA
SH EE T
Table 3.
Am29DL800BB Bottom Boot Sector Architecture
Note: The address range is A18:A-1 if in byte mode (BYTE# = VIL). The address range is A18:A0 if in word mode (BYTE# = VIH).
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 4. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Tables 2 and 3). Table
4 shows the remaining address bits that are don’t care.
When all necessary bits have been set as required, the
programming equipment may then read the corre-
sponding identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 5. This method
does not require VID. Refer to the Autoselect Command
Sequence section for more information.
Bank
Sector
Sector Address
Sector Size
(Kbytes/
Kwords)
(x8)
Address Range
(x16)
Address Range
Bank Address
A15
A14
A13
A12
A18
A17
A16
Bank 2
SA21
1
1
1
1
X
X
X
64/32
F0000h–FFFFFh
78000h–7FFFFh
SA20
1
1
1
0
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA19
1
1
0
1
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA18
1
1
0
0
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA17
1
0
1
1
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA16
1
0
1
0
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA15
1
0
0
1
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA14
1
0
0
0
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA13
0
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA12
0
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA11
0
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA10
0
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA9
0
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA8
0
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
Bank 1
SA7
0
0
0
1
1
1
X
16/8
1C000h–1FFFFh
0E000h–0FFFFh
SA6
0
0
0
1
1
0
X
32/16
18000h–1BFFFh
14000h–17FFFh
0C000h–0DFFFh
0A000h–0BFFFh
0
1
X
SA5
0
0
0
1
0
0
1
8/4
12000h–13FFFh
09000h–09FFFh
SA4
0
0
0
1
0
0
0
8/4
10000h–11FFFh
08000h–08FFFh
SA3
0
0
0
0
1
1
1
8/4
0E000h–0FFFFh
07000h–07FFFh
SA2
0
0
0
0
1
1
0
8/4
0C000h–0DFFFh
06000h–06FFFh
SA1
0
0
0
0
1
0
X
32/16
08000h–0BFFFh,
04000h–07FFFh
04000h–05FFFh,
02000h–03FFFh,
0
1
X
SA0
0
0
0
0
0
0
X
16/8
00000h–03FFFh
00000h–01FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com