Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL800BT90SC Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM29DL800BT90SC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BT90SC Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM29DL800BT90SC Datasheet HTML 38Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 39Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 40Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 41Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 42Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 43Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 44Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 45Page - Advanced Micro Devices AM29DL800BT90SC Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
December 4, 2006 21519C4
Am29DL800B
43
D A TA
SH EE T
REVISION SUMMARY
Revision A (January 1998)
Initial release.
Revision A+1 (January 1998)
Reset Command
Deleted last paragraph in section, which applied to RESET#,
not the reset command.
Revision A+2 (Febrauary 1998)
Hardware Reset (RESET#)
Added note to table, fixed references to note.
Revision A+3 (April 1998)
Global
Removed references to the 80 ns speed option.
Changed the 70R ns (VCC ± 5%) speed option to the
70 ns (VCC ± 10%) speed option.
Figure 2, In-System Sector Protect/Unprotect
Algorithms
In the sector protect algorithm, added a “Reset
PLSCNT=1” box in the path from “Protect another sec-
tor?” back to setting up the next sector address.
DQ6: Toggle Bit I
In the first and second paragraphs, clarified that the
toggle bit may be read “at any address within the pro-
gramming or erasing bank,” not “at any address.” In the
fourth paragraph, clarified “device” to “bank.”
DC Characteristics
Added reference to Note 4 on ICC6 and ICC7 specifications.
AC Characteristics
Erase/Program Operations; Alternate CE# Controlled
Er a s e/ Pr og r a m Ope r ation s : Co rre cted the
notes reference for tWHWH1 and tWHWH2. These param-
eters are 100% tested. Corrected the note reference for
tVCS. This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Figure 24, Sector Protect/Unprotect Timing
Diagram
A valid address is not required for the first write cycle;
only the data 60h.
Erase and Programming Performance
In Note 2, the worst case endurance is now 1 million cycles.
Revision A+4 (August 1998)
Ordering Information
Corrected description for E and F package type desig-
nators to 48-pin TSOP.
AC Characteristics
Read Operations: Corrected tRC, tACC, tCE for 90 ns
speed option.
Figure 24, Sector Protection/Unprotection Timing
Diagram
Changed timing parameters to match those in Figure 2.
Revision B (January 1999)
Connection Diagrams
Changed FBGA drawing to top view.
Ordering Information
Changed FBGA package reference to FBB048. Added
FBGA package markings to valid combinations table.
Revision B+1 (February 1999)
Physical Dimensions
Corrected ball grid layout on FBB048.
Revision B+2 (July 2, 1999)
Test Conditions
Test Specifications table: Corrected to indicate that the
70 ns speed is tested at 30 pF loading.
Revision C (December 7, 1999)
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision C+1 (November 21, 2000)
Global
Added table of contents.
Ordering Information
Deleted burn-in option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com