Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL322D Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29DL322D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322D Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29DL322D Datasheet HTML 4Page - Advanced Micro Devices AM29DL322D Datasheet HTML 5Page - Advanced Micro Devices AM29DL322D Datasheet HTML 6Page - Advanced Micro Devices AM29DL322D Datasheet HTML 7Page - Advanced Micro Devices AM29DL322D Datasheet HTML 8Page - Advanced Micro Devices AM29DL322D Datasheet HTML 9Page - Advanced Micro Devices AM29DL322D Datasheet HTML 10Page - Advanced Micro Devices AM29DL322D Datasheet HTML 11Page - Advanced Micro Devices AM29DL322D Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
December 13, 2005
Am29DL322D/323D/324D
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DL322D/323D/324D
T
70R
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40°C to +85°C)
E
=
Extended (–55°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WD
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DL322D/323D/324D
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29DL322DT70R,
AM29DL322DB70R
EI, EIN
AM29DL323DT70R,
AM29DL323DB70R
AM29DL324DT70R,
AM29DL324DB70R
AM29DL322DT90,
AM29DL322DB90
AM29DL323DT90,
AM29DL323DB90
AM29DL324DT90,
AM29DL324DB90
AM29DL322DT120,
AM29DL322DB120
EI, EIN, EE, EEN
AM29DL323DT120,
AM29DL323DB120
AM29DL324DT120,
AM29DL324DB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL322DT70R,
AM29DL322DB70R
WDI,
WDIN
D322DT70R,
D322DB70R
I
AM29DL323DT70R,
AM29DL323DB70R
D323DT70R,
D323DB70R
AM29DL324DT70R,
AM29DL324DB70R
D324DT70R,
D324DB70R
AM29DL322DT90,
AM29DL322DB90
D322DT90V,
D322DB90V
AM29DL323DT90,
AM29DL323DB90
D323DT90V,
D323DB90V
AM29DL324DT90,
AM29DL324DB90
D324DT90V,
D324DB90V
AM29DL322DT120,
AM29DL322DB120
WDI,
WDIN,
WDE,
WDEN
D322DT12V,
D322DB12V
I, E
AM29DL323DT120,
AM29DL323DB120
D323DT12V,
D323DB12V
AM29DL324DT120,
AM29DL324DB120
D324DT12V,
D324DB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com