Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT12VMPC Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SBT12VMPC
Description  cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody - Medium Priority Only
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SBT12VMPC Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SBT12VMPC Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
0
*Ipk = Instantaneous Peak
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
PATENT NUMBER: 7880593
±0.005 [±0.1]
tolerances:
±0.01 [±0.3]
Options:
Please contact factory.
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
Condition by wave solder (°C)
260 ± 5 within 5 sec
Condition by hand solder (°C)
350 ± 20 within 5 sec
Operating Temperature:
-30° to +65° C
Weight Typical:
0.6 oz (17g)
Ipk Current*:
75mA
Housing Material:
ABS 777D Plastic Resin, Black
Storage Temperature:
-40° to +85° C
150 to 4000 Hz
Loudness @ 10cm:
85 to 95 dB(A) Typ.
Average Current Draw:
<25mA Typ.
Frequency:
Ventilation Melody - Medium Priority Only
Mallory Sonalert Products,Inc.
SBT12VMPC
Sales Outline Drawing
D
Specifications:
cUL Recognized to IEC60601-1-8 AMD1
Sound Level Category:
Loud
Mode of Operation:
Medium Priority Alarm - 3 beeps repeating every 7.5 sec
Voltage Rating:
9 to 12 VDC
Ø1.750 [Ø44.5]
Ø0.039 [Ø1.0]
2 Holes Req'd
0.100 [2.5]
0.334 [8.5]
0.551 [14.0]
0.33 [8.4]


Similar Part No. - SBT12VMPC

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SBT12VMCFPPC MSPI-SBT12VMCFPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12VMCMPPC MSPI-SBT12VMCMPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12VMCSPPC MSPI-SBT12VMCSPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12VMFL MSPI-SBT12VMFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12VMHCTPC MSPI-SBT12VMHCTPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
More results

Similar Description - SBT12VMPC

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSS5V MSPI-MSS5V Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VHCMP MSPI-MSS5VHCMP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VLHCT MSPI-MSS5VLHCT Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VLHSP MSPI-MSS5VLHSP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VLMFP MSPI-MSS5VLMFP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VMHSP MSPI-MSS5VMHSP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
SBS12PMPC MSPI-SBS12PMPC Datasheet
83Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Artificial Perfusion Melody - Medium Priority Only
SBS12XMPC MSPI-SBS12XMPC Datasheet
83Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody - Medium Priority Only
SBT12CMFL MSPI-SBT12CMFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Cardiac Melody - Medium Priority Only
SBT12CMPC MSPI-SBT12CMPC Datasheet
83Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Cardiac Melody - Medium Priority Only
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com