Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL16XDT90PCF Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM29DL16XDT90PCF
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XDT90PCF Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM29DL16XDT90PCF Datasheet HTML 49Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 50Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 51Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 52Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 53Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 54Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 55Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 56Page - Advanced Micro Devices AM29DL16XDT90PCF Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
December 1, 2006 21533E5
Am29DL16xD
57
D A TA
SH EET
REVISION SUMMARY
Revision A (September 1998)
Initial release.
Revision B (October 1998)
Global
Deleted the 90R and 120R speed options. Expanded
the full voltage range to 2.7–3.6 V.
Distinctive Characteristics
Added 125
°C to 20-year data retention bullet.
Connection Diagrams
Changed the FBGA diagram from bottom view to top view.
Ordering Information
Changed the FBGA ordering nomenclature to “YC.”
The package designation is now FBC048. Reverted to
WC in Revision C.
DC Characteristics
Changed maximum I
LI current to ±3.0 µA.
Physical Dimensions
Updated the FBGA drawing, table, and notes. The
package designation is now FBC048. Deleted 40-pin
TSOP drawing.
Revision B+1 (October 1998)
Command Definitions table
Added the term “sector block” to the notes
where appropriate.
DC Characteristics
Changed maximum I
LI current to ±1.0 µA.
AC Characteristics
Temporary Sector Unprotect: Moved the accelerated
program timing diagram to follow the program opera-
tions timings. Added the term “sector block” where
appropriate elsewhere on the page.
Revision C (January 1998)
Global
Changed data sheet title.
Product Selector Guide
Replaced “Full Voltage Range: V
CC = 2.7–3.6 V” with
“Standard Voltage Range: V
CC = 2.7–3.3 V.” Each part
number now has a separate set of speed options.
Ordering Information
Added 70, 90R, and 120R speed options to the valid
combination table. Reverted FBGA designator back to
WC.
Secured Silicon (Secured Silicon) Sector Flash
Memory Region
Factory Locked: Secured Silicon Sector Programmed
and Protected at the Factory: Corrected the address
range of the ESN and distinguished between word and
byte modes.
Operating Ranges
V
CC Supply Voltages: Replaced single voltage range
with voltage ranges for standard and regulated
devices.
Revision C+1 (March 19, 1999)
Secured Silicon (Secured Silicon) Sector Flash
Memory Region
Customer Lockable subsection: In the bullets, text
should refer to “Enter Secured Silicon Sector Region
command sequence.”
Revision C+2 (June 14, 1999)
Changed data sheet status to Preliminary.
Revision C+3 (August 9, 1999)
Global
Added Am29DL164 specifications to the document.
Ordering Information
Added the 70R speed option for the DL163, deleted
the SSOP for the DL162.
Test Specifications table
The 90 ns speed option is tested at 100 pF loading.
Revision C+4 (August 23, 1999)
Ordering Information
Temperature Range: Added “C = Commercial (0°C to
+70°C)”.
Operating Ranges
Added commercial device.
Revision C+5 (October 18, 1999)
Device Bus Operations
Autoselect Mode: Added Am29DL164 device IDs to
the Autoselect Codes table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com