Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75SI Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F032B-75SI
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SI Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F032B-75SI Datasheet HTML 6Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 7Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 8Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 9Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 10Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 11Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 12Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 13Page - Advanced Micro Devices AM29F032B-75SI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
8
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register it-
self does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function of
the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Am29F032B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: See the sections Sector Group Protection and Temporary Sector Unprotect for more information.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
See “Reading Array Data” on page 13 for more infor-
mation. Refer to the AC Read Operations table for tim-
ing specifications and to Figure 9, on page 25 for the
timing waveforms. ICC1 in the DC Characteristics table
represents the active current specification for reading
array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. The Sector Address Tables
indicate the address space that each sector occupies.
A “sector address” consists of the address bits re-
quired to uniquely select a sector. See the “Writing
specific address and data commands or sequences
into the command register initiates device operations.
The Command Definitions table defines the valid reg-
ister command sequences. Writing incorrect address
and data values or writing them in the improper se-
quence resets the device to reading array data.” sec-
tion for details on erasing a sector or the entire chip, or
suspending/resuming the erase operation.
After the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in
this mode. Refer to the “Autoselect Mode” on page 11
and “Autoselect Command Sequence” on page 14
sections for more information.
ICC2 in the “DC Characteristics” on page 23 table rep-
resents the active current specification for the write
mode. The ““AC Characteristics” on page 25 section
Operation
CE#
OE#
WE#
RESET#
A0–A21
DQ0–DQ7
Read
L
L
H
H
AIN
DOUT
Write
L
H
L
H
AIN
DIN
CMOS Standby
VCC ± 0.5 V
X
X
VCC ± 0.5 V
X
High-Z
TTL Standby
H
X
X
H
X
High-Z
Output Disable
L
H
H
H
X
High-Z
Hardware Reset
X
X
X
L
X
High-Z
Temporary Sector Unprotect
(See Note)
XX
X
VID
AIN
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com