Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-90SI Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29F080B-90SI
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-90SI Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29F080B-90SI Datasheet HTML 19Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 20Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 21Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 22Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 23Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 24Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 25Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 26Page - Advanced Micro Devices AM29F080B-90SI Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
November 1, 2006 21503G5
Am29F080B
21
D A TA SH EE T
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +125°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . .–2.0 V to +7.0 V
A9, OE#, RESET# (Note 2) . . . . –2.0 V to +12.5 V
All other pins (Note 1) . . . . . . . . . –2.0 V to +7.0 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During
voltage transitions, inputs may overshoot VSS to –2.0 V
for periods of up to 20 ns. See Figure 6. Maximum DC
voltage on output and I/O pins is VCC + 0.5 V. During
voltage transitions, outputs may overshoot to VCC + 2.0 V
for periods up to 20 ns. See Figure 7.
2. Minimum DC input voltage on A9, OE#, RESET# pins is
–0.5V. During voltage transitions, A9, OE#, RESET# pins
may overshoot VSS to –2.0 V for periods of up to 20 ns.
See Figure 6. Maximum DC input voltage on A9, OE#,
and RESET# is 12.5 V which may overshoot to 13.5 V for
periods up to 20 ns.
3. No more than one output shorted at a time. Duration of
the short circuit should not be greater than one second.
Stresses greater than those listed in this section may cause
permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other condi-
tions above those indicated in the operational sections of this
specification is not implied. Exposure of the device to absolute
maximum rating conditions for extended periods may affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . . –55°C to +125°C
VCC Supply Voltages
VCC for ± 5% devices . . . . . . . . . . .+4.75 V to +5.25 V
VCC for± 10% devices . . . . . . . . . . . .+4.5 V to +5.5 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
Figure 6.
Maximum Negative
Overshoot Waveform
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
Figure 7.
Maximum Negative
Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com