Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV160D Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29LV160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160D Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29LV160D Datasheet HTML 25Page - Advanced Micro Devices AM29LV160D Datasheet HTML 26Page - Advanced Micro Devices AM29LV160D Datasheet HTML 27Page - Advanced Micro Devices AM29LV160D Datasheet HTML 28Page - Advanced Micro Devices AM29LV160D Datasheet HTML 29Page - Advanced Micro Devices AM29LV160D Datasheet HTML 30Page - Advanced Micro Devices AM29LV160D Datasheet HTML 31Page - Advanced Micro Devices AM29LV160D Datasheet HTML 32Page - Advanced Micro Devices AM29LV160D Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
22358B7 May 5, 2006
Am29LV160D
27
DA TA
SH EET
toggling, the device has successfully completed the
program or erase operation. If it is still toggling, the de-
vice did not complete the operation successfully, and
the system must write the reset command to return to
reading array data.
The remaining scenario is that the system initially de-
termines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor
the toggle bit and DQ5 through successive read cy-
cles, determining the status as described in the
previous paragraph. Alternatively, it may choose to
perform other system tasks. In this case, the system
must start at the beginning of the algorithm when it re-
turns to determine the status of the operation (top of
Figure 6).
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5
changes to “1”. See text.
Figure 6.
Toggle Bit Algorithm
(Note 1)
(Notes
1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com