Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-55EF Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F080B-55EF
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-55EF Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F080B-55EF Datasheet HTML 4Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 5Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 6Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 7Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 8Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 9Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 10Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 11Page - Advanced Micro Devices AM29F080B-55EF Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6
Am29F080B
21503G5 November 1, 2006
D A TA SH EE T
PIN CONFIGURATION
A0–A19
=
20 Addresses
DQ0–DQ7 =
8 Data Inputs/Outputs
CE#
=
Chip Enable
WE#
=
Write Enable
OE#
=
Output Enable
RESET#
=
Hardware Reset Pin, Active Low
RY/BY#
=
Ready/Busy Output
VCC
=
+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
VSS
=
Device Ground
NC
=
Pin Not Connected Internally
LOGIC SYMBOL
20
8
DQ0–DQ7
A0–A19
CE#
OE#
WE#
RESET#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com