Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32A Datasheet(PDF) 1 Page - RFE international

Part # SS32A
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS32A Datasheet(HTML) 1 Page - RFE international

  SS32A Datasheet HTML 1Page - RFE international SS32A Datasheet HTML 2Page - RFE international SS32A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Rectifiers
SS32A Through SS320A
DO-214AC(SMA)
10-24-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified


Similar Part No. - SS32A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
logo
Diotech Company.
SS32A DIOTECH-SS32A Datasheet
690Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS32A YANGJIE-SS32A Datasheet
174Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
logo
Tiger Electronic Co.,Lt...
SS32A TGS-SS32A Datasheet
678Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS32A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com