Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL34 Datasheet(PDF) 1 Page - RFE international

Part # SSL34
Description  Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SSL34 Datasheet(HTML) 1 Page - RFE international

  SSL34 Datasheet HTML 1Page - RFE international SSL34 Datasheet HTML 2Page - RFE international SSL34 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● Guardring for overvoltage protection
●Low forward voltage drop,Low power losses
● High forward surge capability
● High frequency operation
●Low forward voltage drop,Low power losses
● Solder dip 260 °C max. 10 s, per JESD 22-B106
For use in low voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
● Package : DO-2
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals : Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity: Color band denotes the cathode end
PARAMETER
SYMBOL
UNIT
SSL34
SSL36
SSL310
Device marking code
SSL34
SSL36
SSL310
Repetitive Peak Reverse Voltage
VRRM
V
40
60
100
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
IO
A
3.0
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Ta=25
IFSM
A
60
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+125
-55 ~+150
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
SSL34
SSL36
SSL310
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=3.0A
0.45
0.5
0.6
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
mA
Ta=25°C
0.5
Ta=100
50
Typical junction capacitance
Cj
pF
Measured at 1MHZ
and Applied Reverse
Voltage of 4.0 V.D.C.
220
180
130
Surface Mount Schottky Rectifier
SSL34 Through SSL310
DO-214AB(SMC)
10-14-2022
Page 3 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
°C
°C
°C
°C


Similar Part No. - SSL34

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
49Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL34 TSC-SSL34 Datasheet
129Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL34 MIC-SSL34 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
383Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL34 TSC-SSL34 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSL34

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com