Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-55SF Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29F080B-55SF
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-55SF Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F080B-55SF Datasheet HTML 8Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 9Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 10Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 11Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 12Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 13Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 14Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 15Page - Advanced Micro Devices AM29F080B-55SF Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
10
Am29F080B
21503G5 November 1, 2006
D A TA SH EE T
Table 1.
Am29F080B Sector Address Table
Note: All sectors are 64 Kbytes in size.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Autoselect Codes (High Voltage Method) table. In addi-
tion, when verifying sector protection, the sector ad-
dress must appear on the appropriate highest order
address bits. Refer to the corresponding Sector Ad-
dress Tables. The Command Definitions table shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding
identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in the Command Defini-
tions table. This method does not require VID. See
“Command Definitions” for details on using the autose-
lect mode.
Table 2.
Am29F080B Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SGA = Sector Group Address, X = Don’t care.
Note:The system may also autoselect information in-system via the command register. See Table 4.
Sector
A19
A18
A17
A16
Address Range
SA0
0
0
0
0
000000h–00FFFFh
SA1
0
0
0
1
010000h–01FFFFh
SA2
0
0
1
0
020000h–02FFFFh
SA3
0
0
1
1
030000h–03FFFFh
SA4
0
1
0
0
040000h–04FFFFh
SA5
0
1
0
1
050000h–05FFFFh
SA6
0
1
1
0
060000h–06FFFFh
SA7
0
1
1
1
070000h–07FFFFh
SA8
1
0
0
0
080000h–08FFFFh
SA9
1
0
0
1
090000h–09FFFFh
SA10
1
0
1
0
0A0000h–0AFFFFh
SA11
1
0
1
1
0B0000h–0BFFFFh
SA12
1
1
0
0
0C0000h–0CFFFFh
SA13
1
1
0
1
0D0000h–0DFFFFh
SA14
1
1
1
0
0E0000h–0EFFFFh
SA15
1
1
1
1
0F0000h–0FFFFFh
Description
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
01h
Device ID: Am29F080B
L
L
H
X
X
VID
XLX
L
H
D5h
Sector Group
Protection Verification
LL
H
SGA
X
VID
XLX
H
L
01h (protected)
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com