Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A13FTA Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # ZXMP6A13FTA
Description  P-Channel 60-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMP6A13FTA Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  ZXMP6A13FTA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ZXMP6A13FTA Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
• Isolated Package
• High Voltage Isolation = 2.5 kVRMS (t = 60 s;
f = 60 Hz)
• Sink to Lead Creepage Distance = 4.8 mm
• P-Channel
• 175 °C Operating Temperature
• Dynamic dV/dt Rating
• Low Thermal Resistance
• Lead (Pb)-free Available
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 5.0 mH, RG = 25 Ω, IAS = - 5.3 A (see fig. 12).
c. ISD ≤ - 6.7 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
- 60
RDS(on) (Ω)VGS = - 10 V
0.
04
Qg (Max.) (nC)
12
Qgs (nC)
3.8
Qgd (nC)
5.1
Configuration
Single
S
G
D
P-Channel MOSFET
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 5.2
A
TC = 100 °C
- 3.8
Pulsed Drain Currenta
IDM
- 21
Linear Derating Factor
0.18
W/°C
Single Pulse Avalanche Energyb
EAS
120
mJ
Repetitive Avalanche Currenta
IAR
- 5.2
A
Repetitive Avalanche Energya
EAR
2.7
mJ
Maximum Power Dissipation
TC = 25 °C
PD
27
W
Peak Diode Recovery dV/dtc
dV/dt
- 4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
ZXMP6A13FTA
www.VBsemi.com
P-Channel 60-V (D-S) MOSFET
服务热线:400-655-8788


Similar Part No. - ZXMP6A13FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A13FTA ZETEX-ZXMP6A13FTA Datasheet
212Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13FTA ZETEX-ZXMP6A13FTA Datasheet
210Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A13FTA DIODES-ZXMP6A13FTA Datasheet
300Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Texas Instruments
ZXMP6A13FTA TI-ZXMP6A13FTA Datasheet
1Mb / 14P
XTR111 Demonstration Fixture Users Guide
Revised April 2013
More results

Similar Description - ZXMP6A13FTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com