Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV065D Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29LV065D
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065D Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29LV065D_06 Datasheet HTML 25Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 26Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 27Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 28Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 29Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 30Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 31Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 32Page - Advanced Micro Devices AM29LV065D_06 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
February 16, 2006
Am29LV065D
29
Command Definitions
Table 10.
Am29LV065D Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the falling edge of the WE# or CE# pulse, whichever happens
later.
PD = Data to be programmed at location PA. Data latches on the rising
edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A22–A16 uniquely select any sector.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4.
Unless otherwise noted, address bits A22–A12 are don’t cares.
5.
No unlock or command cycles required when device is in read
mode.
6.
The Reset command is required to return to the read mode (or to
the erase-suspend-read mode if previously in Erase Suspend)
when the device is in the autoselect mode, or if DQ5 goes high
(while the device is providing status information).
7.
The fourth cycle of the autoselect command sequence is a read
cycle. See the Autoselect Command Sequence section for more
information.
8.
The data is 80h for factory locked and 00h for not factory locked.
9.
The data is 00h for an unprotected sector group and 01h for a
protected sector group.
10. The Unlock Bypass command is required prior to the Unlock
Bypass Program command.
11. The Unlock Bypass Reset command is required to return to the
read mode when the device is in the unlock bypass mode.
12. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation.
13. The Erase Resume command is valid only during the Erase
Suspend mode.
14. Command is valid when device is ready to read array data or when
device is in autoselect mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Manufacturer ID
4
XXX
AA
XXX
55
XXX
90
X00
01
Device ID
4
XXX
AA
XXX
55
XXX
90
X01
93
SecSi Sector Factory
Protect (Note 8)
4
XXX
AA
XXX
55
XXX
90
X03
80/00
Sector Group Protect Verify
(Note 9)
4
XXX
AA
XXX
55
XXX
90
(SA)X02
00/01
Enter SecSi Sector Region
3
XXX
AA
XXX
55
XXX
88
Exit SecSi Sector Region
4
XXX
AA
XXX
55
XXX
90
XXX
00
Program
4
XXX
AA
XXX
55
XXX
A0
PA
PD
Unlock Bypass
3
XXX
AA
XXX
55
XXX
20
Unlock Bypass Program (Note 10)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 11)
2
XXX
90
XXX
00
Chip Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
XXX
10
Sector Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
SA
30
Erase Suspend (Note 12)
1
XXX
B0
Erase Resume (Note 13)
1
XXX
30
CFI Query (Note 14)
1
XX
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com